Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M670-672.1600 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M670-672.1600
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M670-672.1600 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M670-672.1600 Datasheet HTML 1Page - Integrated Circuit Systems M670-672.1600 Datasheet HTML 2Page - Integrated Circuit Systems M670-672.1600 Datasheet HTML 3Page - Integrated Circuit Systems M670-672.1600 Datasheet HTML 4Page - Integrated Circuit Systems M670-672.1600 Datasheet HTML 5Page - Integrated Circuit Systems M670-672.1600 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M670 Datasheet Rev 12.1
Revised 09Apr2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.icst.com ● tel (508) 852-5400
M670
VOLTAGE CONTROLLED SAW OSCILLATOR
Integrated
Circuit
Systems, Inc.
Product Data Sheet
GENERAL DESCRIPTION
The M670 is a VCSO (Voltage Controlled SAW
Oscillator) frequency source for low-jitter
clock generation. Its integrated SAW
(surface acoustic wave) delay line provides
low phase jitter. The M670 is available in a
range of center frequencies. Minimum
pull-range is
±50 ppm (wider pull-range available).
The M670 is well suited for phase-locked loop
implementations, clock and data recovery circuits, and
other timing applications for the telecom and optical
fiber networking markets (e.g., OC-48, OC-192).
FEATURES
◆ VCSO center frequencies from 155 to 700 MHz
(Specify center frequency at time of order)
◆ Low phase jitter 0.19ps rms typical (50kHz-80MHz)
◆ Low phase noise -70dBc/Hz @ 1kHz offset
◆ Differential 3.3V LVPECL output
◆ Single 3.3V power supply
◆ Very small 5 x 7mm SMT (surface mount) package
PIN ASSIGNMENT (5 x 7mm SMT)
Figure 1: Pin Assignment
BLOCK DIAGRAM
Figure 2: Block Diagram
Sample of Available Output Frequencies
VCSO Center Frequency1 (MHz)
Note 1: Specify VCSO center frequency at time of order
Applications
622.0800
SONET/SDH
625.0000
Gigabit Ethernet
644.5313
Gigabit Ethernet FEC
669.3265
SONET/SDH FEC
Table 1: Sample of Available Output Frequencies
M670
( T op View)
CLK_EN
VIN
FOUT
nFOUT
SAW Delay Line
Phase
Shifter
M670
M670 Voltage Controlled SAW Oscillator


Similar Part No. - M670-672.1600

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_14 Datasheet
694Kb / 27P
   Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
logo
HK TO-GRACE TECHNOLOGY ...
M670GS TO-GRACE-M670GS Datasheet
678Kb / 11P
   Package in 8mm tape on 7" diameter reels.
More results

Similar Description - M670-672.1600

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com