Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1519 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1519
Description  Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1519 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1519 Datasheet HTML 7Page - Maxim Integrated Products MAX1519 Datasheet HTML 8Page - Maxim Integrated Products MAX1519 Datasheet HTML 9Page - Maxim Integrated Products MAX1519 Datasheet HTML 10Page - Maxim Integrated Products MAX1519 Datasheet HTML 11Page - Maxim Integrated Products MAX1519 Datasheet HTML 12Page - Maxim Integrated Products MAX1519 Datasheet HTML 13Page - Maxim Integrated Products MAX1519 Datasheet HTML 14Page - Maxim Integrated Products MAX1519 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 12V, VCC = VDD = 5V, SHDN = SKIP = VCC, D0–D4 set for 1.5V (SUS = GND), S0–S1 set
for 1V (SUS = VCC), OFS = GND, TA = +25°C, unless otherwise specified.)
Dual-Phase, Quick-PWM Controllers for
Programmable CPU Core Power Supplies
______________________________________________________________________________________
11
SOFT-START
MAX1519 toc19
5V
0A
0A
0V
10A
0V
1.5V
B
C
D
A
100
µs/div
A. SHDN, 5V/div
B. 1.5V OUTPUT, 1V/div
C. IL1, 10A/div
D. IL2, 10A/div
RLOAD = 75m
Ω, RTIME = 64.9kΩ
SOFT-SHUTDOWN
MAX1519 toc20
5V
10A
0A
0V
10A
0V
1.5V
B
C
D
A
200
µs/div
A. SHDN, 5V/div
B. 1.5V OUTPUT, 1V/div
C. IL1, 10A/div
D. IL2, 10A/div
RLOAD = 75m
Ω, RTIME = 64.9kΩ
1.50V LOAD TRANSIENT
(10A TO 50A LOAD)
MAX1519 toc21
50A
20A
0A
0A
20A
10A
1.5V
B
C
D
A
20
µs/div
A. LOAD CURRENT, (ILOAD = 10A TO 50A), 50A/div
B. OUTPUT VOLTAGE (1.5V NO LOAD), 100mV/div
C. IL1, 10A/div
D. IL2, 10A/div
POWER-UP SEQUENCE
MAX1519 toc18
5V
0V
0V
5V
0V
2V
1V
B
C
A
1ms/div
A. SHDN, 5V/div
B. 1.5V OUTPUT, 1V/div
C. VROK, 5V/div
RTIME = 64.9k


Similar Part No. - MAX1519

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX151 MAXIM-MAX151 Datasheet
424Kb / 12P
   300kHz 10-Bit A/D Converter with Refrence and T/H
19-2897; Rev 0; 6/90
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX1510 MAXIM-MAX1510 Datasheet
546Kb / 13P
   Low-Voltage DDR Linear Regulator Thermal Fault Protection
Rev 5; 3/11
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
   1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15101EVKIT MAXIM-MAX15101EVKIT Datasheet
1Mb / 9P
   1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
More results

Similar Description - MAX1519

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
   Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
   Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX1907A MAXIM-MAX1907A Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
   Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com