Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1549 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1549
Description  MAX1549 Evaluation Kit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1549 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1549 Datasheet HTML 1Page - Maxim Integrated Products MAX1549 Datasheet HTML 2Page - Maxim Integrated Products MAX1549 Datasheet HTML 3Page - Maxim Integrated Products MAX1549 Datasheet HTML 4Page - Maxim Integrated Products MAX1549 Datasheet HTML 5Page - Maxim Integrated Products MAX1549 Datasheet HTML 6Page - Maxim Integrated Products MAX1549 Datasheet HTML 7Page - Maxim Integrated Products MAX1549 Datasheet HTML 8Page - Maxim Integrated Products MAX1549 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MAX1549 Evaluation Kit
_______________________________________________________________________________________
5
D1
MAX1549
U1
PGOOD1
VCC
OD1
OUT1
PGOOD1
CSL1
CSH1
BST1
DH1
N.C.
LX1
DL1
SKIP
N.C.
VDD
PGND
BST2
DH2
N.C.
DL2
PG00D2
FB2
OUT2
OD2
OD3
GND
N.C.
REFIN
REF
ILIM1
CC1
ILIM2
SKIP
G0
FSEL
G1
FBLANK
ON1
ON2
VREF
N1
1
1
4
3
2
3
2
1
2
D3
3
4
5
6
5
6
7
8
7
8
N2
VOUT1
200kHz
100kHz
400kHz
VCC
VCC
VREF
VREF
G0
JU3
JU4
OPEN
300k
1
2
3
4
L1
1.5
µH
C14
0.22
µF
C16
470pF
VOUT1
0.7V TO 1.5V AT 6A
GND
VIN
GND
20V MAX
R29
OPEN
VBIAS
+5V
R1
0.012
1%
R16
100k
1%
R11
301k
1%
R10
100k
1%
R14
66.5k
1%
R13
150k
1%
R12
487k
1%
R6
SHORT
(PC TRACE)
R5
SHORT
(PC TRACE)
R22
SHORT
(PC TRACE)
R23
SHORT
(PC TRACE)
R4
SHORT
(PC TRACE)
R3
SHORT
(PC TRACE)
C1
OPEN
C10
OPEN
R15
100k
1%
C17
100pF
C23
OPEN
C13
470pF
C22
OPEN
C20
OPEN
C2
470
µF
2.5V
C9
0.1
µF
C12
2.2
µF
C11
OPEN
C26
OPEN
C25
OPEN
C8
0.1
µF
37
38
39
40
VDD
VCC
R9
10
C15
1
µF
C4
10
µF
25V
C6
OPEN
VCC
VIN
C28
10
µF
6.3V
VOUT1
R7
100k
4
3
1
2
6
5
VREF
VCC
R18
100k
1%
R17
100k
1%
VREF
VREF
R24
OPEN
C18
100pF
R27
100k
R26
OPEN
R25
OPEN
VCC
G1
ON1
JU5
R28
100k
C24
OPEN
7
8
9
10
11
VCC
JU1
1
2
3
12
VCC
JU6
1
2
3
VCC
VDD
ON2
VCC
JU2
1
2
3
13
34
33
35
36
29
32
31
30
27
28
25
26
23
22
BST1
VCC
VOUT2
R20
OPEN
R21
0
R19
OPEN
VCC
R8
100k
BST1
N4
N3
D2
LX2
CSH2
CSL2
1
1
4
3
2
3
2
4
5
6
5
6
7
8
7
8
L2
4.7
µH
VOUT2
PG00D2
R32
OPEN
R2
0.015
1%
C3
220
µF
4V
C21
OPEN
C19
OPEN
C5
10
µF
25V
C7
OPEN
VIN
C27
10
µF
6.3V
VOUT2
VOUT2
19
21
24
14
15
18
16
17
20
Figure 1. MAX1549 EV Kit Schematic


Similar Part No. - MAX1549

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1549 MAXIM-MAX1549 Datasheet
504Kb / 35P
   Dual, Interleaved, Fixed-Frequency Step-Down Controller with a Dynamically Adjustable Output
Rev 0; 1/04
MAX1549ETL MAXIM-MAX1549ETL Datasheet
504Kb / 35P
   Dual, Interleaved, Fixed-Frequency Step-Down Controller with a Dynamically Adjustable Output
Rev 0; 1/04
More results

Similar Description - MAX1549

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com