Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1895 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1895
Description  High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1895 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1895 Datasheet HTML 1Page - Maxim Integrated Products MAX1895 Datasheet HTML 2Page - Maxim Integrated Products MAX1895 Datasheet HTML 3Page - Maxim Integrated Products MAX1895 Datasheet HTML 4Page - Maxim Integrated Products MAX1895 Datasheet HTML 5Page - Maxim Integrated Products MAX1895 Datasheet HTML 6Page - Maxim Integrated Products MAX1895 Datasheet HTML 7Page - Maxim Integrated Products MAX1895 Datasheet HTML 8Page - Maxim Integrated Products MAX1895 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
High-Efficiency, Wide Brightness
Range, CCFL Backlight Controllers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 12V, MINDAC = GND, VCC = VDD, VSH/SUS = 5.3V, TA = -40°C to +85°C, unless otherwise noted.) (Note1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Output Voltage, Normal Operation
VSH/SUS = 5.5V, 6V < VBATT < 28V
0 < ILOAD < 20mA
5.0
5.5
V
VCC Output Voltage, Shutdown
SH/SUS = GND, no load
3.5
5.5
V
VCC rising (leaving lockout)
4.5
VCC Undervoltage Lockout Threshold
VCC rising (entering lockout)
4.0
V
VCC POR Threshold
Rising edge
0.9
2.7
V
REF Output Voltage, Normal Operation
4.5V < VCC < 5.5V, ILOAD = 40µA
1.96
2.04
V
GH1, GH2, GL1, GL2 On-Resistance
ITEST = 100mA
10
Maximum Current-Limit Threshold
LX1-GND, LX2-GND (Fixed)
ILIM = VCC
180
220
mV
VILIM = 0.5V
80
120
Maximum Current-Limit Threshold
LX1-GND, LX2-GND (Adjustable)
VILIM = 2.0V
360
440
mV
IFB Input Voltage Range
0
1.7
V
IFB Regulation Point
VMINDAC = 0, DAC code = 11111 binary
335
440
mV
IFB Input Bias Current
-1
+1
µA
IFB Lamp-Out Threshold
120
180
mV
VFB Input Voltage Range
-2
+2
V
VFB Input Bias Current
VFB = 0
-0.1
+0.1
µA
VFB Regulation Point
480
540
mV
VFB Zero-Voltage Crossing Threshold
-20
+20
mV
SHVSUS Input Low Voltage
0.8
V
SHVSUS Input High Voltage
2.1
V
SDA, SCL Input Low Voltage
0.8
V
SDA, SCL Input High Voltage
2.1
V
SDA Output Low Sink Current
VCRF/SDA = 0.4V
4
mA
Note 1: Specifications to -40°C are guaranteed by design based on final test characterization results.
Note 2: Corresponds to 512 DPWM cycles or 65536 MODE cycles.
Note 3: The MODE pin thresholds are only valid while the part is operating. When in shutdown VREF = 0 and the part only differenti-
ates between SMB mode and ADC mode. When in shutdown and with ADC mode selected the CRF/SDA and CTL/SCL pins
are at high impedance and will not cause extra supply current when their voltages are not at GND or VCC.
Note 4: The amplitude is measured with the following circuit:
VAMPLITUDE > 2V
MODE
500pF
10k


Similar Part No. - MAX1895

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX189 MAXIM-MAX189 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results

Similar Description - MAX1895

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
MAX753 MAXIM-MAX753 Datasheet
103Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
Rev 1; 1/95
MAX8709B MAXIM-MAX8709B Datasheet
990Kb / 24P
   High-Efficiency CCFL Backlight Controller with SMBus Interface
Rev 0; 3/07
MAX1739EVKIT MAXIM-MAX1739EVKIT Datasheet
377Kb / 7P
   Wide Brightness Adjustment Range
Rev 0; 7/01
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com