Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M670-167.3280 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M670-167.3280
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M670-167.3280 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M670-167.3280 Datasheet HTML 1Page - Integrated Circuit Systems M670-167.3280 Datasheet HTML 2Page - Integrated Circuit Systems M670-167.3280 Datasheet HTML 3Page - Integrated Circuit Systems M670-167.3280 Datasheet HTML 4Page - Integrated Circuit Systems M670-167.3280 Datasheet HTML 5Page - Integrated Circuit Systems M670-167.3280 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M670 Datasheet Rev 12.1
5 of 6
Revised 09Apr2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.i cst. com ● tel (508) 852-5400
M670
VOLTAGE CONTROLLED SAW OSCILLATOR
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
DEVICE PACKAGE - 5 x 7mm SMT (Surface Mount) Package
Mechanical Dimensions:
Figure 9: Device Package - 5 x 7mm SMT (Surface Mount) Package
ORDERING INFORMATION
Standard Output Frequencies
Consult ICS for the availability of other VCSO frequencies.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Dimensions are in mm;
dimensions in [ ] are in inches
Unless otherwise specified, all
dimensions are
±0.13 [0.005]
For Output Frequency (MHz)
Order Part Number
xxx.xxxx
M670-xxx.xxxx
e.g., 622.0800
M670-622.0800
Table 7: Ordering Information
155.5200
622.0800
156.2500
625.0000
156.8324
627.3296
161.1328
644.5313
166.6286
666.5143
167.2820
669.1281
167.3280
669.3120
167.3316
669.3265
167.7097
670.8386
168.0400
672.1600
172.6423
690.5692
173.3708
693.4830
Table 8: Standard Output Frequencies


Similar Part No. - M670-167.3280

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_14 Datasheet
694Kb / 27P
   Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
logo
HK TO-GRACE TECHNOLOGY ...
M670GS TO-GRACE-M670GS Datasheet
678Kb / 11P
   Package in 8mm tape on 7" diameter reels.
More results

Similar Description - M670-167.3280

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com