Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1993ETG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1993ETG
Description  Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1993ETG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1993ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 9Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 10Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 11Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 12Page - Maxim Integrated Products MAX1993ETG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
_______________________________________________________________________________________
9
ILIM SATURATION FAULT CURRENT
vs. ILIM VOLTAGE
VILIM (V)
1.6
1.2
0.8
0.4
1
2
3
4
5
6
7
0
02.0
STARTUP WAVEFORMS
(HEAVY LOAD)
MAX1992 toc14
400
µs/div
2A
5V
0
B
A
D
C
0
0
5V
2V
4A
0
A. SHDN = 0 TO 5V; 5V/div
B. INDUCTOR CURRENT: 2A/div
C. OUTPUT VOLTAGE (VOUT): 2V/div
D. PGOOD: 5V/div, 0.7
Ω LOAD
STARTUP WAVEFORMS
(LIGHT LOAD)
MAX1992 toc15
200
µs/div
2A
5V
3V
B
A
D
C
0
0
0
0
A. SHDN = 0 TO 5V; 5V/div
B. INDUCTOR CURRENT: 2A/div
C. OUTPUT VOLTAGE (VOUT): 2V/div
D. PGOOD: 5V/div, 100
Ω LOAD
SHUTDOWN WAVEFORMS
(DISCHARGE MODE DISABLED)
MAX1992 toc16
20ms/div
B
A
E
C
A. SHDN = 5V TO 0; 5V/div
B. INDUCTOR CURRENT: 2A/div
C. DL: 5V/div
D. OUTPUT VOLTAGE (VOUT): 2V/div
E. PGOOD: 5V/div, 100
Ω LOAD, OVP/UVP = OPEN OR G
D
SHUTDOWN WAVEFORMS
(DISCHARGE MODE ENABLED)
MAX1992 toc17
1.0ms/div
B
A
E
C
A. SHDN = 5V TO 0; 5V/div
B. INDUCTOR CURRENT: 2A/div
C. DL: 5V/div
D. OUTPUT VOLTAGE (VOUT): 2V/div
E. PGOOD: 5V/div, 100
Ω LOAD, OVP/UVP = VCC OR REF
D
5V
5V
0
0
5V
2.5V
0
0
LOAD TRANSIENT
(FORCED-PWM OPERATION)
MAX1992 toc18
20
µs/div
B
A
C
A. LOAD: IOUT = 0.2A TO 4A; 5A/div
B. 2.5V OUTPUT: 100mV/div
C. INDUCTOR CURRENT: 5A/div
D. LX: 10V/div, SKIP = VCC
D
2.5V
4A
2.4V
0
0
5A
2.6V
0
12V
Typical Operating Characteristics (continued)
(MAX1992 Circuit of Figure 1, MAX1993 Circuit of Figure 9, VIN = 12V, VDD = VCC = 5V, SKIP = VCC, TON = open, TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX1993ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1993ETG MAXIM-MAX1993ETG Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1993ETG++ MAXIM-MAX1993ETG+ Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX1993ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com