Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD22386EJ Datasheet(PDF) 8 Page - SPANSION

Part # MB84VD22386EJ
Description  32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22386EJ Datasheet(HTML) 8 Page - SPANSION

Back Button MB84VD22386EJ Datasheet HTML 4Page - SPANSION MB84VD22386EJ Datasheet HTML 5Page - SPANSION MB84VD22386EJ Datasheet HTML 6Page - SPANSION MB84VD22386EJ Datasheet HTML 7Page - SPANSION MB84VD22386EJ Datasheet HTML 8Page - SPANSION MB84VD22386EJ Datasheet HTML 9Page - SPANSION MB84VD22386EJ Datasheet HTML 10Page - SPANSION MB84VD22386EJ Datasheet HTML 11Page - SPANSION MB84VD22386EJ Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
MB84VD22386/387/388EJ-85/90/MB84VD22396/397/398EJ-85/90
7
s
s
s
s FLEXIBLE SECTOR-ERASE ARCHITECTURE on FLASH MEMORY
• Eight 4 K words, and sixty three 32 K words.
• Individual-sector, multiple-sector, or bulk-erase capability.
(Continued)
100000h
MB84VD22386EJ/VD22387EJ/VD22388EJ Sector Architecture (Top Boot Block)
SA39 : 64KB (32KW)
SA40 : 64KB (32KW)
SA41 : 64KB (32KW)
SA42 : 64KB (32KW)
SA43 : 64KB (32KW)
SA44 : 64KB (32KW)
SA45 : 64KB (32KW)
SA46 : 64KB (32KW)
SA47 : 64KB (32KW)
SA48 : 64KB (32KW)
SA49 : 64KB (32KW)
SA50 : 64KB (32KW)
SA51 : 64KB (32KW)
SA52 : 64KB (32KW)
SA53 : 64KB (32KW)
SA54 : 64KB (32KW)
SA55 : 64KB (32KW)
SA56 : 64KB (32KW)
SA57 : 64KB (32KW)
SA58 : 64KB (32KW)
SA59 : 64KB (32KW)
SA60 : 64KB (32KW)
SA61 : 64KB (32KW)
SA62 : 64KB (32KW)
SA63 : 8KB (4KW)
SA64 : 8KB (4KW)
SA65 : 8KB (4KW)
SA66 : 8KB (4KW)
SA67 : 8KB (4KW)
SA68 : 8KB (4KW)
008000h
000000h
018000h
010000h
028000h
020000h
038000h
030000h
048000h
040000h
058000h
050000h
068000h
060000h
078000h
070000h
088000h
080000h
098000h
090000h
0A8000h
0A0000h
0B8000h
0B0000h
0C8000h
0C0000h
0D8000h
0D0000h
0E8000h
0E0000h
0F8000h
0F0000h
SA0 : 64KB (32KW)
SA1 : 64KB (32KW)
SA2 : 64KB (32KW)
SA3 : 64KB (32KW)
SA4 : 64KB (32KW)
SA5 : 64KB (32KW)
SA6 : 64KB (32KW)
SA7 : 64KB (32KW)
SA8 : 64KB (32KW)
SA9 : 64KB (32KW)
SA10 : 64KB (32KW)
SA11 : 64KB (32KW)
SA12 : 64KB (32KW)
SA13 : 64KB (32KW)
SA14 : 64KB (32KW)
SA15 : 64KB (32KW)
SA16 : 64KB (32KW)
SA17 : 64KB (32KW)
SA18 : 64KB (32KW)
SA19 : 64KB (32KW)
SA20 : 64KB (32KW)
SA21 : 64KB (32KW)
SA22 : 64KB (32KW)
SA23 : 64KB (32KW)
SA24 : 64KB (32KW)
SA25 : 64KB (32KW)
SA26 : 64KB (32KW)
SA27 : 64KB (32KW)
SA28 : 64KB (32KW)
SA29 : 64KB (32KW)
SA30 : 64KB (32KW)
SA31 : 64KB (32KW)
SA32 : 64KB (32KW)
SA33 : 64KB (32KW)
SA34 : 64KB (32KW)
SA35 : 64KB (32KW)
SA36 : 64KB (32KW)
SA37 : 64KB (32KW)
SA38 : 64KB (32KW)
SA69 : 8KB (4KW)
SA70 : 8KB (4KW)
Bank 1
MB84VD22386EJ
Bank 1
MB84VD22387EJ
Bank 1
MB84VD22388EJ
Bank 2
MB84VD22386EJ
Bank 2
MB84VD22387EJ
Bank 2
MB84VD22388EJ
108000h
118000h
110000h
128000h
120000h
138000h
130000h
148000h
140000h
158000h
150000h
168000h
160000h
178000h
170000h
188000h
180000h
198000h
190000h
1A8000h
1A0000h
1B8000h
1B0000h
1C8000h
1C0000h
1D8000h
1D0000h
1E8000h
1E0000h
1F8000h
1F0000h
1F9000h
1FFFFFh
1FA000h
1FB000h
1FC000h
1FD000h
1FE000h
1FF000h


Similar Part No. - MB84VD22386EJ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22081EA FUJITSU-MB84VD22081EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22081EA-90-PBS FUJITSU-MB84VD22081EA-90-PBS Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22082EA FUJITSU-MB84VD22082EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22082EA-90-PBS FUJITSU-MB84VD22082EA-90-PBS Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VD22083EA FUJITSU-MB84VD22083EA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
More results

Similar Description - MB84VD22386EJ

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com