Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD23280FA-70PBS Datasheet(PDF) 2 Page - SPANSION

Part # MB84VD23280FA-70PBS
Description  64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD23280FA-70PBS Datasheet(HTML) 2 Page - SPANSION

  MB84VD23280FA-70PBS Datasheet HTML 1Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 2Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 3Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 4Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 5Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 6Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 7Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 8Page - SPANSION MB84VD23280FA-70PBS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
DS05-50221-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM
CMOS
64M (
×8/×16) FLASH MEMORY &
8M (
×8/×16) STATIC RAM
MB84VD23280FA-70
s
s
s
s FEATURES
• Power supply voltage of 2.7 V to 3.1 V
• High performance
70 ns maximum access time (Flash)
70 ns maximum access time (SRAM)
• Operating Temperature
–40
°°°°C to +85 °°°°C
• Package 65-ball FBGA
(Continued)
s
s
s
s PRODUCT LINEUP
*: Both VCCf and VCCs must be in recommended operation range when either part is being accessed.
s
s
s
s PACKAGE
Flash Memory
SRAM
Supply Voltage (V)
VCCr* = 3.0 V
VCCs* = 3.0 V
Max Address Access Time (ns)
70
70
Max CE Access Time (ns)
70
70
Max OE Access Time (ns)
30
35
65-pin plastic FBGA
(BGA-65P-M01)
+0.1V
–0.3 V
+0.1V
–0.3 V


Similar Part No. - MB84VD23280FA-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EA-90 FUJITSU-MB84VD23280EA-90 Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EA-90-PBS FUJITSU-MB84VD23280EA-90-PBS Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EE FUJITSU-MB84VD23280EE Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EE-90 FUJITSU-MB84VD23280EE-90 Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD23280FA-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com