Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD23280FA-70 Datasheet(PDF) 3 Page - SPANSION

Part # MB84VD23280FA-70
Description  64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD23280FA-70 Datasheet(HTML) 3 Page - SPANSION

  MB84VD23280FA-70 Datasheet HTML 1Page - SPANSION MB84VD23280FA-70 Datasheet HTML 2Page - SPANSION MB84VD23280FA-70 Datasheet HTML 3Page - SPANSION MB84VD23280FA-70 Datasheet HTML 4Page - SPANSION MB84VD23280FA-70 Datasheet HTML 5Page - SPANSION MB84VD23280FA-70 Datasheet HTML 6Page - SPANSION MB84VD23280FA-70 Datasheet HTML 7Page - SPANSION MB84VD23280FA-70 Datasheet HTML 8Page - SPANSION MB84VD23280FA-70 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
MB84VD23280FA-70
2
(Continued)
FLASH MEMORY
• 0.16
µµµµm Process Technology
• Simultaneous Read/Write operations (Dual Bank)
• FlexBankTM*1
Bank A : 8 Mbit (8 KB
× 8 and 64 KB × 15)
Bank B : 24 Mbit (64 KB
× 48)
Bank C : 24 Mbit (64 KB
× 48)
Bank D : 8 Mbit (8 KB
× 8 and 64 KB × 15)
Two virtual Banks are chosen from the combination of four physical banks
Host system can program or erase in one bank, and then read immediately and simultaneously from the other
bank with zero latency between read and write operations.
Read-while-erase
Read-while-program
• Single 3.0 V read, program, and erase
Minimized system level power requirements
• Minimum 100,000 program/erase cycles
• Sector erase architecture
Sixteen 4 Kword and one hundred twenty-six 32 Kword sectors in word.
Any combination of sectors can be concurrently erased. It also supports full chip erase.
• HiddenROM region
256 byte of HiddenROM, accessible through a new “HiddenROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
At VIL, allows protection of “outermost” 2
× 8 Kbytes on both ends of boot sectors, regardless of sector protection/
unprotection status
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Embedded EraseTM*2 Algorithms
Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM*2 Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, the device automatically switches itself to low power mode.
• Low VCCf write inhibit
≤ 2.5 V
• Program Suspend/Resume
Suspends the program operation to allow a read in another byte
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Please refer to “MBM29DL64DF” data sheet in detailed function
(Continued)


Similar Part No. - MB84VD23280FA-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EA-90 FUJITSU-MB84VD23280EA-90 Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EA-90-PBS FUJITSU-MB84VD23280EA-90-PBS Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EE FUJITSU-MB84VD23280EE Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EE-90 FUJITSU-MB84VD23280EE-90 Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD23280FA-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com