Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5214 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5214
Description  2-in-1 Notebook DDR Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5214 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5214 Datasheet HTML 1Page - ON Semiconductor NCP5214 Datasheet HTML 2Page - ON Semiconductor NCP5214 Datasheet HTML 3Page - ON Semiconductor NCP5214 Datasheet HTML 4Page - ON Semiconductor NCP5214 Datasheet HTML 5Page - ON Semiconductor NCP5214 Datasheet HTML 6Page - ON Semiconductor NCP5214 Datasheet HTML 7Page - ON Semiconductor NCP5214 Datasheet HTML 8Page - ON Semiconductor NCP5214 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. P0
1
Publication Order Number:
NCP5214/D
NCP5214
Product Preview
2−in−1 Notebook DDR
Power Controller
The NCP5214 2−in−1 Notebook DDR Power Controller is
specifically designed as a total power solution for notebook DDR
memory system. This IC combines the efficiency of a PWM
controller for the VDDQ supply with the simplicity of linear
regulators for the VTT termination voltage and the buffered low
noise reference. This IC contains a synchronous PWM buck
controller for driving two external NFETs to form the DDR memory
supply voltage (VDDQ). The DDR memory termination regulator
output voltage (VTT) and the buffered VREF are internally set to
track at the half of VDDQ. An internal power good voltage monitor
tracks VDDQ output and notifies the user whether the VDDQ output
is within target range. Protective features include soft−start
circuitries, undervoltage monitoring of supply voltage, VDDQ
overcurrent
protection, VDDQ overvoltage and undervoltage
protections, and thermal shutdown. The IC is packaged in DFN−22.
Features
Incorporates VDDQ, VTT Regulator, Buffered VREF
Adjustable VDDQ Output
VTT and VREF Track VDDQ/2
Operates from Single 5.0 V Supply
Supports VDDQ Conversion Rails from 5.0 V to 24 V
Power−saving Mode for High Efficiency at Light Load
Integrated Power FETs with VTT Regulator Sourcing/Sinking 1.5 A
DC and 2.4 A Peak Current
Buffered Low Noise 15 mA VREF Output
All External Power MOSFETs are N−channel
<5.0 mA Current Consumption During Shutdown
Fixed Switching Frequency of 400 kHz
Soft−start Protection for VDDQ and VTT
Undervoltage Monitor of Supply Voltage
Overvoltage Protection and Undervoltage Protection for VDDQ
Short−circuit Protection for VDDQ and VTT
Thermal Shutdown
Housed in DFN−22
Typical Applications
Notebook DDR/DDR2 Memory Supply and Termination Voltage
Active Termination Busses (SSTL−18, SSTL−2, SSTL−3)
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
DFN−22
MN SUFFIX
CASE 506AF
PIN CONNECTIONS
Device
Package
Shipping†
ORDERING INFORMATION
NCP5214MNR2
DFN−22
2500 Tape & Reel
NCP5214 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
MARKING
DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com
VDDQEN
VTTEN
FPWM
SS
VTTGND
VTT
VTTI
FBVTT
AGND
DDQREF
VCCA
PGND
BGDDQ
VCCP
SWDDQ
TGDDQ
BOOST
OCDDQ
PGOOD
VTTREF
FBDDQ
COMP
(Top View)
NOTE: Pin 23 is the thermal pad on
the bottom of the device.
NCP5214
AWLYYWW
1
1
22


Similar Part No. - NCP5214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214 ONSEMI-NCP5214 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5214AMNR2G ONSEMI-NCP5214AMNR2G Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
More results

Similar Description - NCP5214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5218 ONSEMI-NCP5218 Datasheet
453Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
January, 2007 ??Rev. 0
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5203 ONSEMI-NCP5203 Datasheet
69Kb / 10P
   2-in-1 DDR Power Controller
January, 2005 ??Rev. 1
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com