Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP805TX Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP805TX
Description  Hi-Reliability NPN Sil icon Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP805TX Datasheet(HTML) 1 Page - OPTEK Technologies

  OP805TX Datasheet HTML 1Page - OPTEK Technologies OP805TX Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High reliability screening patterned
after MIL-PRF-19500
Each lot subjected to Group A & B Lot
Acceptance
Lensed for high sensitivity
Mechanically and spectrally matched
to the OP235TX/TXV and
OP236TX/TXV series IREDs
Description
Each device in the OP803, OP804 and
OP805TX/TXV series consists of a high
reliability NPN phototransistor mounted in
a lensed, hermetically sealed, TO-18
package. All devices are 100% screened
per Table II of MIL-PRF-19500. Typical
screening and lot acceptance tests are
provided on page 13-4.
The OP803, OP804 and OP805 TX/TXV
series lensing creates an acceptance half
angle of 12
o< D> measured from the optical
axis to the half power point. The series
can be matched with either a solid state
infrared source, such as the OP235 and
OP236 TX/TXV series IREDs, or can be
used to sense infrared content in a visible
light source, such as a tungsten bulb or
sunlight for automatic brightness control.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature Range ............................ . -65
o C to +150o C
Operating Temperature Range ........................... . -55
o
C to +125
o
C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] ....................................................... . 240
o
C
(1)
Collector-Emitter Voltage .......................................... . 30 V
Collector-Base Voltage ............................................ . 30 V
Emitter-Base Voltage............................................. . 5.0 V
Emitter-Collector Voltage........................................... . 5.0 V
Power Dissipation........................................... . 250 mW
(2)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
(2) Derate linearly 2.5 mW/
o C above 25o C.
Product Bulletin OP803TX
September 1996
Hi-Reliability NPN Silicon Phototransistor
Types OP803TX/TXV, OP804TX/TXV, OP805TX/TXV
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
13-34


Similar Part No. - OP805TX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP805TX TTELEC-OP805TX Datasheet
579Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP805TX TTELEC-OP805TX Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP805TXV TTELEC-OP805TXV Datasheet
579Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP805TXV TTELEC-OP805TXV Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
More results

Similar Description - OP805TX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP602TX OPTEK-OP602TX Datasheet
231Kb / 2P
   Hi- Reliability NPN Silicon Phototransistors
logo
TT Electronics.
OP602TX TTELEC-OP602TX Datasheet
646Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP804TX TTELEC-OP804TX Datasheet
579Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
OPTEK Technologies
OP604ESA-XN OPTEK-OP604ESA-XN Datasheet
231Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
TT Electronics.
OP803TX TTELEC-OP803TX Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
OPTEK Technologies
OP604 OPTEK-OP604_14 Datasheet
206Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
Vectron International, ...
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
logo
Siemens Semiconductor G...
SFH609 SIEMENS-SFH609 Datasheet
167Kb / 4P
   HIGH RELIABILITY PHOTOTRANSISTOR OPTOCOUPLER
logo
TT Electronics.
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com