Electronic Components Datasheet Search |
|
PL03-CTO12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
PL03-CTO12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 5 page Absolute Maximum Ratings at TA = 25 °C Reverse Voltage (<100µA)..…………………...…………………………………………......……..4.0V Max Forward Current…………..………………..………………………………………….……20mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)….……………………………………....100mA Operating Temperature Range………………………………………………………..-25°C to + 85°C Storage Temperature Range..………….……………………………………………...-25°C to +100°C Soldering Temperature (1.6mm below body)……………………………………………………....260° for 5 seconds PL03 Series Low Current 3mm (T1) LED Tel: (719) 589 3122 Fax: (719) 589 3592 www.p-tec.net sales@p-tec.net Features *Standard and Bi-Color Available *High Light Output *Flanged *Available in Color (CD), White Diffused (WD), Color Transparent (CT) and Water Clear (WC) *Available in PL301-03, PL309- 03, PL312, PL313 Right Angle Holder Electrical & Optical Characteristics at TA = 25 °C Part Number Emitting Color Material Peak Wave Length View Angle 2 θ ½ Luminous Intensity @2mA (mcd) Color Diffused White Diffused (nm) Deg Typ Max Min Typ PL03-CDR12-LC PL03-CDG13-LC PL03-CDY01-LC PL03-CDO12-LC PL03-WDR12-LC PL03-WDG13-LC PL03-WDY01-LC PL03-WDO12-LC Hi-Eff Red Green Yellow Orange GaAsP on GaP GaP GaAsP on GaP GaAsP on GaP 635 567 585 635 56° 1.8 1.8 1.8 1.8 2.2 2.2 2.2 2.2 1.0 0.9 0.7 1.0 1.7 1.5 1.2 1.7 Color Transparent Water Clear (nm) Deg Typ Max Min Typ PL03-CTR12-LC PL03-CTG13-LC PL03-CTY01-LC PL03-CTO12-LC PL03-WCR12-LC PL03-WCG13-LC PL03-WCY01-LC PL03-WCO12-LC Hi-Eff Red Green Yellow Orange GaAsP on GaP GaP GaAsP on GaP GaAsP on GaP 635 567 585 635 36° 1.8 1.8 1.8 1.8 2.2 2.2 2.2 2.2 3.5 3.0 2.5 3.5 5.9 5.0 4.2 5.9 Forward Voltage @2mA (V) 24.0Min. 3.0 4.1 5.1 0.5±0.5 1.0 1.5typ. 2.54±0.1 Anode 0.5 Square All Dimensions are in Millimeters . Tolerance is ±0.25 mm unless otherwise specified. An Epoxy meniscus may extend about 1 mm do wn the leads. |
Similar Part No. - PL03-CTO12 |
|
Similar Description - PL03-CTO12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |