Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82K-00727 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # S82K-00727
Description  Switch mode Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K-00727 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button S82K-00727 Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 9Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 10Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 11Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K-00727 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Switch mode Power Supply
S82K
L-13
AC (L)
AC (N)
− V
+ V
Fuse (5 A)
Noise filter
Rectifier
Photocoupler
Rectifier
Detector
S82K-09024 (90 W)
S82K-10024 (100 W)
100 or 200 V
Selectable
terminals
(see note)
Inrush current
protection circuit
Drive control
circuit
Overload
alarm
circuit
Note: Use the short bar to short-circuit terminals 7 and 8 to select 100 to 120 VAC and
remove the short bar to select 200 to 240 VAC.
Undervoltage
alarm indicator
AC (L)
AC (N)
− V
+ V
Fuse (5 A)
Noise
filter
Rectifier
Photocoupler
Rectifier
Detector
S82K-P09024 (90 W)
S82K-P10024 (100 W)
100 or 200 V
Selectable
terminals
(see note)
Inrush current
protection circuit
Harmonic current
emission control
(200-V input only)
Drive control
circuit
Overload
alarm
circuit
Note: Use the short bar to short-circuit terminals 7 and 8 to select 100 to 120 VAC and
remove the short bar to select 200 to 240 VAC.
Undervoltage
alarm indicator
− V
+ V
AC (L)
AC (N)
S82K-24024
@ (240 W)
Fuse (5 A)
Noise filter
Overvoltage protection circuitry (see note 1)
Photocoupler
INPUT
Rectifier
Detector
Rectifier
DC LOW
(see note 1)
100 or 200 V
Selectable
terminals
(see note 2)
Inrush current
protection circuit
Drive control
circuit
Overload alarm
circuit
Overvoltage
alarm circuit
DC
OUTPUT
Undervoltage
alarm
indicator/output
Note: 1. The overvoltage protection circuitry and undervoltage alarm indicator are available
in the S82K-24024T only.
2. Use the short bar to short-circuit terminals 7 and 8 to select 100 to 120 VAC and
remove the short bar to select 200 to 230 VAC.


Similar Part No. - S82K-00727

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82K00315 OMRON-S82K00315 Datasheet
409Kb / 24P
   DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
More results

Similar Description - S82K-00727

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com