Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SLF6018 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SLF6018
Description  SMD Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLF6018 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLF6018 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shape
Features :
a. Miniature Size :
Mount Area : 6.0mmX6.0mm
Low Profile : 2.0mm Max. height
b. Generic use for portable DC/DC Converter.
c. High Magnetic Shield Construction should actualize
High Resolution for EMC Protection.
d. Automatic Mounting in Tape & Reel Package.
Applicatins :
VCR Camera, PDA, HDD, LCD Display,
Cellular Phone, Cordless Telephone, etc.
Electrical Characteristics
§ Rated DC current : the less value which is IDC1 or IDC2
Idc1
: Rated Current based on inductance change (-30% reduction from initial value)
Idc2 Rated Current based on temperature rise (25 typical)
as of May, 2002
ver.1.0
0.65
20
1
SLF6018T-
100.0
±
101MR30-K
220MR49-K
330MR38-K
0.30
1.0
1.2
0.58
0.30
3.2
SLF6018T-
33.0
±
0.33
0.38
20
1
0.68
0.56
SLF6018T-
22.0
± 20
1
0.76
0.49
20
1
0.93
SLF6018T-
15.0
±
0.49
1.10
0.68
SLF6018T-
10.0
±
0.32
0.36
SLF6018T-
68.0
± 20
1
0.48
1.5
470MR36-K
680MR33-K
20
1
SLF6018T-
47.0
± 20
1
SLF6018T-
20
1
6.8
±
SMD Power Inductor
SLF6018T-
1.70
0.96
SLF6018-TYPE
1
±
Dimensions & Recommended PCB Pattern
20
4.7
[Ω] ±20%
DC Resistance
[%]
0.17
[µH]
Test
Freq.
[KHz]
Item Descriptions
Inductance
Tolerance
Inductance
1.40
0.87
Rated DC Current
IDC1
IDC2
[A] max.
[A] typ.
0.20
4R7MR96-K
6R8MR87-K
100MR68-K
150MR56-K
1.8±0.2mm
6.0±0.2mm
6.0±0.2mm


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DQ1260 SMD Shielded Base Plate Power Inductor Series 1  2  3  Tyco Electronics
DU1311 SMD Unshielded Power Inductor Series 1  2  3  Tyco Electronics
SDR0602 SMD High Power Inductor 1  2  List of Unclassifed Manufacturers
EPI330552AC4 Thru-Hole Power Inductor 1  PCA ELECTRONICS INC.
NLCV25 For Power Line SMD 1  2  TDK Electronics
SDR1307 SMD Power Inductors 1  2  Bourns Electronic Solutions
SRR1240 Shielded SMD Power Inductors 1  2  Bourns Electronic Solutions
SMI-0805 SMD POWER INDUCTORS 1  Micro Electronics
SPC-0704P SMD POWER INDUCTORS 1  Micro Electronics
CDRH4D18C POWER INDUCTORS SMD Type 1  Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn