Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC21A1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPC21A1
Description  20KB SOUND CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC21A1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPC21A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC21A1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Sunplus Technology Co., Ltd.
Rev.: 1.1
1999.11.19
SPC21A1
5
TIMER/COUNTER
The SPC21A1 contains two 12-bit timer/counters, TMA and TMB respectively.
TMA can be specified as a
timer or a counter, but TMB can only be used as a timer.
In the timer mode, TMA and TMB are re-loaded up-
counters.
When timer overflows from $0FFF to $0000, the carry signal will make the timer automatically reload
to the user’s pre-set value and be up-counted again. At the same time, the carry signal will generate the INT
signal if the corresponding bit is enabled in the INT ENABLE Register.
If TMA is specified as a counter, users
can reset by loading #0 into the counter. After the counter has been activated, the value of the counter can also
be read from the counters at the same time.
The read instruction will not affect the value of the counter or reset
it.
Clock source of Timer/Counter can be selected as follows:
Timer/Counter
Clock Source
12-BIT TIMER
CPU CLOCK (T) or T/4
TMA
12-BIT COUNTER
T/64, T/8192, T/65536 or EXT CLK
TMB
12-BIT TIMER
T or T/4
MODE SELECT REGISTER
TMA only, select timer or counter
TIMER CLOCK SELECTOR
Select T or T/4
SPEECH AND MELODY
Since the SPC21A1 provides a large ROM and wide range of CPU operation speeds, it is most suitable for
speech and melody synthesis.
For speech synthesis, the SPC21A1 can provide NMI for accurate sampling frequency.
Users can record or
synthesize the sound and digitize it into the ROM.
The sound data can be played back in the sequence of the
control functions as designed by the user's program.
Several algorithms are recommended for high fidelity and
compression of sound including PCM, LOG PCM, and ADPCM.
For melody synthesis, the SPC21A1 provides the dual tone mode.
After selecting the dual tone mode, users
only need to fill either TMA or TMB, or both TMA and TMB to generate expected frequency for each channel.
The hardware will toggle the tone wave automatically without entering into an interrupt service routine.
Users
are able to simulate musical instruments or sound effects by simply controlling the envelope of tone output.


Similar Part No. - SPC21A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC21364 ETC2-SPC21364 Datasheet
137Kb / 2P
   Connector DC Power Jack, 5A
More results

Similar Description - SPC21A1

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPC21A3 GENERALPLUS-GPC21A3 Datasheet
290Kb / 14P
   20KB SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M62421SP MITSUBISHI-M62421SP Datasheet
111Kb / 16P
   SOUND CONTROLLER
logo
Generalplus Technology ...
GPC11001A GENERALPLUS-GPC11001A Datasheet
279Kb / 16P
   Sound Controller
logo
Renesas Technology Corp
M62443SP RENESAS-M62443SP Datasheet
4Mb / 17P
   SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M62443SP MITSUBISHI-M62443SP Datasheet
127Kb / 16P
   SOUND CONTROLLER
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
   DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Rohm
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
   Audio sound controller
logo
List of Unclassifed Man...
SPC11A ETC-SPC11A Datasheet
563Kb / 14P
   12KB Sound Controller
logo
Generalplus Technology ...
GPC41A3 GENERALPLUS-GPC41A3 Datasheet
268Kb / 14P
   40KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com