Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC122A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SPC122A
Description  SOUND CONTROLLER WITH 128KB FLASH MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPC122A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPC122A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPC122A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Sunplus Technology Co., Ltd.
Rev.: 0.3
1999.11.18
Preliminary
SPC122A
10
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0
to +60
Storage Temperature
TSTO
-50
to +150
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or
damage to the device.
For normal operational conditions see AC/DC Electrical Characteristics.
AC CHARACTERISTICS ( TA = 25
)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
-
1.0
2.0
MHz
VDD = 3V
OSC Frequency
FCPU
-
4.0
6.0
MHz
VDD = 5V
CPU Clock
FCPU
--
6.0
MHz
FCPU = FOSC2 @5V
DC CHARACTERISTICS ( TA = 25
, VDD = 5V )
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Operating Voltage
VDD
3.6
-
5.5
V
For 3-battery
Operating Current
IOP
-6.5
8.0
mA
FCPU = 4.0MHz@5V, no load
Standby Current
ISTBY
--
2.0
A
VDD = 5V
Audio output current
IAUD
-
-3.0
-
mA
VDD = 5V
Input high level
VIH
3.0
-
-
V
VDD = 5V
Input Low level
VIL
-
-
0.8
V
VDD = 5V
Output high I
IOA, IOB, IOD
IOH
-1.0
-
-
mA
VDD = 5V
VOH = 4.2V
Output sink I
IOA, IOB, IOD
IOL
4.0
-
-
mA
VDD = 5V
VOL = 0.8V
Input resistor
IOA, IOB, IOC, IOD
RIN
-60
-
kohm
Pull Low
VDD = 5V


Similar Part No. - SPC122A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC125 ETC2-SPC125 Datasheet
17Kb / 1P
   VCC P/N CLIPLITE SPC 125 SPACER
logo
Visual Communications C...
SPC125-E VCC-SPC125-E Datasheet
64Kb / 1P
   CLIPLITE SPACER
More results

Similar Description - SPC122A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPCH8128B GENERALPLUS-GPCH8128B Datasheet
719Kb / 20P
   8-Channel Sound Controller with 128KB ROM
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
   16-bit Sound Controller with 256K x 16 Flash Memory
GPCE063A GENERALPLUS-GPCE063A Datasheet
668Kb / 29P
   16-Bit Sound Controller with 32K X 16 Flash Memory
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Silicon Motion Technolo...
SM3257 SILICONMOTION-SM3257 Datasheet
343Kb / 1P
   USB2.0 Flash Memory Controller
2011
logo
NXP Semiconductors
KV31P100M100SF9 NXP-KV31P100M100SF9 Datasheet
793Kb / 63P
   Kinetis KV31F 128KB Flash
Rev. 7, 02/2016
K22P121M100SF9 NXP-K22P121M100SF9 Datasheet
900Kb / 74P
   Kinetis K22F 128KB Flash
Rev. 7, 08/2016
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com