Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR2207-821KL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDR2207-821KL
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDR2207-821KL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDR2207-821KL Datasheet HTML 1Page - List of Unclassifed Manufacturers SDR2207-821KL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
34.0
(1.34)
38.4
(1.51)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
330
(12.99)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
Packaging Specifications
22.4 ± 0.1
(.882 ± .004)
32.0 ± 0.3
(1.26 ± .012)
9.0 ± 0.1
(.354 ± .004)
15.5 ± 0.1
(.610 ± .004)
20.0 ± 0.1
(.787 ± .004)
4.0 ± 0.1
(.157 ± .004)
1.55 ± 0.05
(.061 ± .002)
2.0
(.079)
MIN.
8.45 ± 0.1
(.333 ± .004)
0.5 ± 0.05
(.020 ± .002)
QTY: 250 PCS. PER REEL
SDR2207 Series - SMD Power Inductors
DIMENSIONS:
MM
(INCHES)
REV. 02/05
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Soldering Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (seconds)
<1> Max. of 30 seconds > 200 °C
<2> Max. of 10 seconds at 230 °C
230 °C
<2>
<1>
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum


Similar Part No. - SDR2207-821KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR2207-821KL BOURNS-SDR2207-821KL Datasheet
129Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR2207-821KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com