Electronic Components Datasheet Search |
|
T73327A-MO8-TNR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
T73327A-MO8-TNR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 5 page T73327/T73327A/T73327B Preliminary Information T73327/73327A/73327BPI Page 2 Rev J, January 14, 2005 Figure 2. Pin Configuration 8-pin SOIC/MSOP 8-pin SOIC/MSOP 8-pin SOIC/MSOP X1 X2 X1 X2 X1 X2 1 8 1 8 1 8 NC NC GND VDD** NC VDD 2 7 2 7 2 7 T73327A T73327B T73327 VDD CLK VIN NC** VIN VIN 3 6 3 6 3 6 GND GND GND CLK CLK NC 4 5 4 5 4 5 8-pin SOIC/MSOP (See pages 4 & 5 for package outlines & ordering information) Table 1. Pin Description Name Pin No. Type Description 73327 73327A 73327B X1 1 1 1 Xi Crystal connection. Connect to a 15 MHz - 36MHz pullable crystal VDD** 2** 6 2 P This pin can alternately be used to connect VDD instead of pin 6 or left unconnected (for T73327 only). VIN 3 3 3 I Tuning control input. Zero to +3.3V signal controls the frequency of the VCXO. GND 4, 7 4 4 P Connect to ground. CLK 5 5 6 O Clock output NC** 6** - 5 NC This pin can alternately be used to connect VDD instead of pin 2 or left unconnected (for T73327 only). NC - 2, 7 7 NC Do not connect X2 8 8 8 Xi Crystal connection. Connect to a 15 MHz – 36 MHz pullable crystal. Legend: I = Input Xi = Crystal connections O = Output NC = No connection P = Power supply connection **Note: On the T73327 only, both pin 2 and pin 6 are internally connected to VDD. Either pin or both can safely be connected to VDD without damaging the part. Alternately, at the user’s option, one pin may be used for VDD with the other pin being left unconnected (NC). Table 2. Absolute Maximum Ratings Parameter Conditions Min Typ Max Units Supply voltage, VDD Referenced to GND 7 V Inputs and Clock Outputs Referenced to GND -0.5 VDD+0.5 V Soldering Temperature Max of 10 seconds +260 °C Storage temperature -65 +150 °C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. TLSI Incorporated, 770 Park Avenue , Huntington NY 11743 • (631) 755-7005 • Fax 631-755-7626 • www.tlsi.com |
Similar Part No. - T73327A-MO8-TNR |
|
Similar Description - T73327A-MO8-TNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |