Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8922BTH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8922BTH
Description  2 X 50 W class-D power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922BTH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8922BTH Datasheet HTML 2Page - NXP Semiconductors TDA8922BTH Datasheet HTML 3Page - NXP Semiconductors TDA8922BTH Datasheet HTML 4Page - NXP Semiconductors TDA8922BTH Datasheet HTML 5Page - NXP Semiconductors TDA8922BTH Datasheet HTML 6Page - NXP Semiconductors TDA8922BTH Datasheet HTML 7Page - NXP Semiconductors TDA8922BTH Datasheet HTML 8Page - NXP Semiconductors TDA8922BTH Datasheet HTML 9Page - NXP Semiconductors TDA8922BTH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
6 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
The amplifier system can be switched in three operating modes with pin MODE:
Standby mode; with a very low supply current
Mute mode; the amplifiers are operational; but the audio signal at the output is
suppressed by disabling the VI-converter input stages
Operating mode; the amplifiers fully are operational with output signal.
To ensure pop-noise free start-up the DC output offset voltage is applied gradually to the
output between Mute mode and Operating mode. The bias current setting of the VI
converters is related to the voltage on the MODE pin; in Mute mode the bias current
setting of the VI converters is zero (VI converters disabled) and in Operating mode the
bias current is at maximum. The time constant required to apply the DC output offset
voltage gradually between mute and operating can be generated via an RC-network on
the MODE pin. An example of a switching circuit for driving pin MODE is illustrated in
Figure 4. If the capacitor C is left out of the application the voltage on the MODE pin will
be applied with a much smaller time-constant, which might result in audible pop-noises
during start-up (depending on DC output offset voltage and used loudspeaker).
In order to fully charge the coupling capacitors at the inputs, the amplifier will remain
automatically in the Mute mode before switching to the Operating mode. A complete
overview of the start-up timing is given in Figure 5.
Fig 4.
Example of mode selection circuit.
001aab172
SGND
MODE pin
mute/on
R
C
R
+5 V
standby/
mute


Similar Part No. - TDA8922BTH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922BTH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com