Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-REL4-SW120 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # ST-REL4-SW120
Description  Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-REL4-SW120 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  ST-REL4-SW120 Datasheet HTML 1Page - PHOENIX CONTACT ST-REL4-SW120 Datasheet HTML 2Page - PHOENIX CONTACT ST-REL4-SW120 Datasheet HTML 3Page - PHOENIX CONTACT ST-REL4-SW120 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/2825568
10/20/2014   Page 4 / 4
Relay connectors - ST-REL4-SW120/21-21 - 2825568
Circuit diagram
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - ST-REL4-SW120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-REL4-SW230 PHOENIX-ST-REL4-SW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW24 PHOENIX-ST-REL4-SW24 Datasheet
127Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
More results

Similar Description - ST-REL4-SW120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-REL3-SW120 PHOENIX-ST-REL3-SW120 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW230 PHOENIX-ST-REL4-SW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW24 PHOENIX-ST-REL4-SW24 Datasheet
127Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL3-SW24 PHOENIX-ST-REL3-SW24 Datasheet
75Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL3-SW230 PHOENIX-ST-REL3-SW230 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SG24 PHOENIX-ST-REL4-SG24 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG110 PHOENIX-ST-REL4-SG110 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SW42 PHOENIX-ST-REL3-SW42 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG60 PHOENIX-ST-REL4-SG60 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG48 PHOENIX-ST-REL4-SG48 Datasheet
85Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com