Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK2019 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TK2019
Description  STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TK2019 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TK2019 Datasheet HTML 5Page - Tripath Technology Inc. TK2019 Datasheet HTML 6Page - Tripath Technology Inc. TK2019 Datasheet HTML 7Page - Tripath Technology Inc. TK2019 Datasheet HTML 8Page - Tripath Technology Inc. TK2019 Datasheet HTML 9Page - Tripath Technology Inc. TK2019 Datasheet HTML 10Page - Tripath Technology Inc. TK2019 Datasheet HTML 11Page - Tripath Technology Inc. TK2019 Datasheet HTML 12Page - Tripath Technology Inc. TK2019 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
9
TK2019 – MC/2.1/10-03
CB
Bypass capacitor for the internal regulator that powers the gate drive circuitry.
DS
MOSFET protection diode. This diode absorbs any high frequency overshoots or
undershoots caused by the output inductor LO during high output current conditions.
In order for this diode to be effective it must be connected directly to the drain of the
topside MOSFET (pin 2) and the output (pin 3) and source of bottom side MOSFET
(pin 4) and the output (pin 3). An ultra fast recovery diode that can sustain the entire
VCC voltage should be used here. Thus a 50V or greater diode must be used.
RVPP1
Overvoltage and undervoltage sense resistor for the positive supply (VDD). Please
refer to the Electrical Characteristics Section for the trip points as well as the
hysteresis band. Also, please refer to the Over / Under-voltage Protection section in
the Application Information for a detailed discussion of the internal circuit operation
and external component selection.
RVPP2
Secondary overvoltage and undervoltage sense resistor for the positive supply
(VDD). This resistor accounts for the internal VPPSENSE bias of 2.5V. Nominal
resistor value should be equal to that of RVPP1. Please refer to the Over / Under-
voltage Protection section in the Application Information for a detailed discussion of
the internal circuit operation and external component selection.
RVNN
Not used on TK2019. Connect this pin to AGND through a 10k
Ω resistor.
CA
BIASCAP decoupling capacitor. Should be located close to pin 1 of the TC2001 and
grounded at pin 20 of the TC2001.
RHMUTE
Base resistor to limit the current output from the HMUTE pin.
DCH
Diode to keep the Bypass pin (pin 7) of the TPS1035 charged to 5V while HMUTE is
high. This diode should be a Schottky diode.
Q1
PNP transistor to keep the Bypass pin (pin 7) of the TPS1035 charged to 5V
whenever the HMUTE is high.
Q2
PNP transistor to keep HMUTE high and mute the amplifier if the 5V supply is
turned off before the 24V supply. If the amplifier is not muted and the 5V supply is
turned off before the 24V supply, the amplifier will have an audible pop.
RBASE
Base resistor for limiting the current entering the base for Q2.
RC
Pull down resistor to pull the collector of Q2 to ground if both the 5V supply and the
24V supply is on and Q2 is off.
ROFF
Resistor that limits the current from the 24V supply going into the 5.1V zener diode
(DZ).
DP
Diode in series with the collector of Q2 to pull HMUTE high if the 5V supply is turned
off before the 24V supply.
DZ
5.1V zener diode to keep the emitter of Q2 to 5.1V so that when Q2 is on the
HMUTE pin will not exceed 5V.
RBIAS1
Bias resistor to bias the FBKGND pins (pins 2 and 8 on TC2001) to 2.5V. Typically
used value is 4.64k
Ω.
RBIAS2
Second bias resistor to bias the FBKGND pins (pins 2 and 8 on TC2001) to 2.5V.
The value of RBIAS2 when placed in parallel with RFBB and RFBC should have
equivalent resistance to RBIAS1. Please see the Modulator Feedback Design
paragraphs in the Application Information Section. An equivalent equation would be
RBIAS1 = 1/ (RFBB + RFBC) + 1/ RBIAS2 .
RD
Resistor to limit the current flowing into diode DC.
DC
Diode to connect the VBOOT pin (pin 5 of the TPS1035) to the 24V supply so that
the VBOOT pin is charged up while the TPS1035 is muted. This helps prevent
clicks and pops while the sleep is disabled on the TPS1035.
DBOOT2
Protection diode for the VBOOT pin (pin 5 of the TPS1035) so that the VBOOT pin
will never exceed 6.2V.
ROUT1
Bias resistor to keep the output capacitor COUT charged to VDD/2. Typically used
value is 8.45k
Ω.
ROUT2
Bias resistor used in conjunction with ROUT1 to keep the output capacitor COUT
charged to VDD/2. Typically used value is 20k
Ω.
RB
For proper operation of the TPS1035, the Fault pin (pin 8) must be connected to the
Bypass pin (pin 7) through a 27kohm resistor.
COUT
Output capacitor in series with the output to block DC current to flow to the output
load. This capacitor will form a high pass filter with output load with a cutoff
frequency at
)
C
R
2
(
1
f
I
I
C
π
=
. Where R is the resistive value of the output load.


Similar Part No. - TK2019

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
Toshiba Semiconductor
TK200F04N1L TOSHIBA-TK200F04N1L Datasheet
306Kb / 11P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.8.0
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results

Similar Description - TK2019

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
   20W Stereo Digital Class-D Amplifier
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
   2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com