Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA253 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA253
Description  High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA253 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA253 Datasheet HTML 12Page - Texas Instruments INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments INA253 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2.7V to 5.5V
Supply
INA253
REF2
VS
OUT
GND
IN+
IN-
-
+
REF1
48V
16
INA253
SLOS954 – MAY 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2 Typical Applications
The INA253 offers advantages for multiple applications including the following:
High common-mode range and excellent CMRR enables direct inline sensing
Precision low inductive, low drift shunt eliminates the need for over temperature system calibration
Ultra-low offset and drift eliminates the necessity of calibration
Wide supply range enables a direct interface with most microprocessors
9.2.1 High-side, High-drive, Solenoid Current-sense Application
Challenges exist in solenoid drive current sensing that are similar to those in motor inline current sensing. In
certain topologies, the current-sensing amplifier is exposed to the full-scale PWM voltage between ground and
supply. The INA253 is well suited for this type of application. The 2-mΩ integrated shunt with a total system
accuracy of 0.2% with a total system drift of 25 ppm/°C provides system accuracy across temperature eliminating
the need for tri temperature system calibration.
Figure 13. Solenoid Drive Application Circuit
9.2.1.1 Design Requirements
For this application, the INA253 measures current in the driver circuit of a 12-V, 500-mA hydraulic valve.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Common mode - voltage
12 V
Maximum sense current
500 mA
Power-supply voltage
3.3 V
9.2.1.2 Detailed Design Procedure
To demonstrate the performance of the device, the INA253 with a gain of 400mV/A was selected for this design
and powered from a 5-V supply.
Using the information in the Output Set to Mid-Supply Voltage section, the reference point is set to midscale by
splitting the supply with REF1 connected to ground and REF2 connected to supply. Alternatively, the reference
pins can be tied together and driven with an external precision reference.


Similar Part No. - INA253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA253 TI1-INA253 Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253-Q1 TI1-INA253-Q1 Datasheet
713Kb / 29P
[Old version datasheet]   INA253-Q1 Automotive-Grade, 80-V, 15-A, Precision, Integrated-Shunt, High-Accuracy, Current Sense Amplifier With Enhanced PWM Rejection
INA253A1IPW TI1-INA253A1IPW Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253A1IPWR TI1-INA253A1IPWR Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253A1QPWRQ1 TI1-INA253A1QPWRQ1 Datasheet
713Kb / 29P
[Old version datasheet]   INA253-Q1 Automotive-Grade, 80-V, 15-A, Precision, Integrated-Shunt, High-Accuracy, Current Sense Amplifier With Enhanced PWM Rejection
More results

Similar Description - INA253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
[Old version datasheet]   INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
[Old version datasheet]   INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Analog Devices
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com