Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-3025NL Datasheet(PDF) 1 Page - Soberton Inc.

Part # PB-3025NL
Description  Washable Reflow Type BUZZER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

PB-3025NL Datasheet(HTML) 1 Page - Soberton Inc.

  PB-3025NL Datasheet HTML 1Page - Soberton Inc. PB-3025NL Datasheet HTML 2Page - Soberton Inc. PB-3025NL Datasheet HTML 3Page - Soberton Inc. PB-3025NL Datasheet HTML 4Page - Soberton Inc. PB-3025NL Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PB PIEZO AUDIO
BUZZER
Acoustic Product Specification
Product Number: PB-3025NL
CONTENTS
This document contains the
technical specifications for the
piezo audio buzzer.
Page 1
Specifications
Mechanical Characteristics
Page 2
Environment Test
Reliability Test
Page 3
Measuring Method (Speaker
Mode)
Page 4
Dimensions
Page 5
Packing
Release | Revision: B/2018
www.soberton.com
1
Specifications
Item
Unit
Specification
Condition
Rated Voltage
VDC
12.0
Operating Volt
VDC
3.0 ~ 24.0
Mean Current
mA
15 Max.
At 12 VDC
Sound Output
dBA
90
At 30cm/12VDC
Resonant Frequency
Hz
3700 ±500
Operating Temp
-20 ~ +50
Storage Temp
-20 ~ +60
Dimension
mm
29.5 × 24.5
Wire (250mm)
UL1007/AWG26#
Housing Material
gram
15
Terminal
ABS (black)
See dimension
Environmental
Protection Regulation
RoHS
Test condition:
Temperature: +25±2 ℃
Related humidity: 65±5%
Mechanical Characteristics
Item
Test condition
Evaluation standard
Lead Wire Pull
Strength
The pull force will be applied to
double lead wire:
Horizontal: 3.0N(0.306kg) for 30
seconds.
Vertical: 2.0N(0.204kg) for 30
seconds.
90% min. lead
terminals will be wet
with solder
(Except the edge of
terminal)
Vibration
Buzzer will be measured after
being applied vibration of
amplitude of 1.5mm with 10Hz to
55Hz band of vibration frequency
to each of 3 perpendicular
directions for 2 hours.
The value of
oscillation frequency/
current consumption
would be in ±10%
compared with initial
ones.
The SPL would be in
±10dB compared with
initial one.
Drop test
The part only will be dropped
from a height of 75cm onto a
40mm thick wooden board 3
times in 3 axes(X,Y,Z). A total of 9
times.


Similar Part No. - PB-3025NL

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
PB-3020 SOBERTON-PB-3020 Datasheet
44Kb / 1P
   Non-Washable Type
PB-3020-2 SOBERTON-PB-3020-2 Datasheet
211Kb / 3P
   Piezo Buzzer
More results

Similar Description - PB-3025NL

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
PT-1507 SOBERTON-PT-1507_17 Datasheet
230Kb / 1P
   Washable Reflow Type
WST-1310 SOBERTON-WST-1310 Datasheet
109Kb / 2P
   Washable Reflow Type (SMD)
PT-1507 SOBERTON-PT-1507 Datasheet
99Kb / 1P
   Washable Reflow Type (SMD)
WST-1310S SOBERTON-WST-1310S Datasheet
76Kb / 1P
   Washable Reflow Type (SMD)
WST-1307 SOBERTON-WST-1307 Datasheet
109Kb / 2P
   Washable Reflow Type (SMD)
WT-2505 SOBERTON-WT-2505 Datasheet
100Kb / 1P
   Washable Type
PT-1407 SOBERTON-PT-1407 Datasheet
88Kb / 1P
   Washable Type
WST-1206UX SOBERTON-WST-1206UX Datasheet
59Kb / 1P
   Washable Type
PT-1706 SOBERTON-PT-1706_17 Datasheet
207Kb / 1P
   Washable Type
WST-1606S SOBERTON-WST-1606S Datasheet
76Kb / 1P
   Washable Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com