Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO224 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO224
Description  Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO224 Datasheet(HTML) 3 Page - Texas Instruments

  ISO224 Datasheet HTML 1Page - Texas Instruments ISO224 Datasheet HTML 2Page - Texas Instruments ISO224 Datasheet HTML 3Page - Texas Instruments ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
VCAP
8
VDD2
2
IN
7
OUTP
3
VDD1
6
OUTN
4
GND1
5
GND2
Not to scale
3
ISO224
www.ti.com
SBAS738 – JUNE 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
PARAMETER
ISO224B
ISO224A
Input offset voltage, VOS
±5 mV (max)
±50 mV (max)
Input offset drift, TCVOS
±45 µV/°C (max)
±60 µV/°C (max)
Gain error, EG
±0.3% (max)
±0.5% (max)
Gain error drift, TCEG
±50 ppm/°C (max)
±60 ppm/°C (max)
Input-referred noise
3.1 µV/
√Hz (typ)
4 µV/
√Hz (typ)
Nonlinearity
±0.01% (max)
±0.02% (max)
Output bandwidth, BW
275 kHz (typ)
175 kHz (typ)
IN to OUTP, OUTN signal delay (50% – 50%)
2.1 µs (typ)
2.8 µs (typ)
6 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VCAP
Supply decoupling capacitor. Connect a 0.22-µF capacitor between this pin and the high-side analog
ground.
2
IN
I
Analog input
3
VDD1
High-side power supply, 4.5 V to 18 V.
See the Power Supply Recommendations section for decoupling recommendations.
4
GND1
High-side analog ground
5
GND2
Low-side analog ground
6
OUTN
O
Inverting analog output
7
OUTP
O
Noninverting analog output
8
VDD2
Low-side power supply, 4.5 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.


Similar Part No. - ISO224

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
logo
Burr-Brown (TI)
ISO212JP BURR-BROWN-ISO212JP Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
ISO212JP-15 BURR-BROWN-ISO212JP-15 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
More results

Similar Description - ISO224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
[Old version datasheet]   Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1302-Q1 TI1-AMC1302-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of (,-)50 mV, and High Bandwidth of 280 kHz
AMC1302 TI1-AMC1302 Datasheet
643Kb / 24P
[Old version datasheet]   Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com