Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6760 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON6760
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6760 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6760 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6760 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON6760
30V N-Channel AlphaMOS
General Description
Product Summary
VDS
ID (at VGS=10V)
36A
RDS(ON) (at VGS=10V)
< 3.9m
RDS(ON) (at VGS=4.5V)
< 4.9m
Application
100% UIS Tested
100% Rg Tested
Orderable Part Number
Package Type
Form
Minimum Order Quantity
AON6760
DFN 5x6
Tape & Reel
3000
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Integrated Schottky Diode (SRFET)
• Very Low RDS(ON) at 4.5V VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
30V
Top View
1
2
3
4
8
7
6
5
G
D
S
SRFETTM
Soft Recovery MOSFET:
Integrated Schottky Diode
PIN1
DFN 5X6
Top View
Bottom View
Symbol
VDS
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
2.6
55
3.2
Power Dissipation
B
15
TC=100°C
100ns
PD
140
Pulsed Drain Current
C
IDSM
TC=25°C
30
V
±12
Gate-Source Voltage
Units
Junction and Storage Temperature Range
-55 to 150
mJ
18
Typ
PDSM
W
TA=70°C
3.2
TA=25°C
5
36
39
Power Dissipation
A
36
28
A
TA=25°C
W
ID
V
A
60
Avalanche energy L=0.01mH
C
A
TA=70°C
TC=25°C
TC=100°C
Maximum Junction-to-Ambient
A
°C/W
RθJA
20
45
25
°C
Thermal Characteristics
Parameter
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Max
Drain-Source Voltage
22
Avalanche Current
C
Continuous Drain
Current
G
Continuous Drain
Current
28
Rev.1.0: November 2013
www.aosmd.com
Page 1 of 6


Similar Part No. - AON6760

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6764 AOSMD-AON6764 Datasheet
248Kb / 6P
   30V N-Channel SRFET
More results

Similar Description - AON6760

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com