Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-92 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TO-92
Description  TO-92 (3 leads) Leaded Thru-hole Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TO-92 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TO-92 Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-92 Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-92 Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-92 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TO-92
Plastic Package
TO-92 Transistors on Tape and Ammo Pack
MECHANICAL DATA
T
A
A1
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
t1
t
Ho
h1
h1
h
h
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(P)
6N
MIN. NOM.
BODY WIDTH
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
AT TOP OF BODY
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
AT TOP OF BODY
COMPONENT ALIGNMENT FRONT VIEW
h1
01.3
COMPONENT HEIGHT
H1
23.25
LENGTH OF SNIPPED LEADS
L
11.0
t1 0.3 - 0.6
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
P
12.7
%%P1
CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH
FEED HOLE PITCH
Po
12.7
%%P0.3
FEED HOLE CENTRE TO
TO BE MEASURED AT BOTTOM OF CLINCH
COMPONENT CENTRE
P2
6.35
%%P0.4
DISTANCE BETWEEN OUTER
+0.6
LEADS
F
5.08
-0.2
TAPE WIDTH
W
18
%%P0.5
HOLD-DOWN TAPE WIDTH
Wo
6
%%P0.2
HOLE POSITION
W1
9
+0.7
-0.5
HOLD-DOWN TAPE POSITION
W2
0.5
%%P0.2
LEAD WIRE CLINCH HEIGHT
Ho
16
%%P0.5
FEED HOLE DIAMETER
Do
4
%%P0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+0.4, -0.1
STAND OFF
H2
0.45
1.45
TOL .
REMARKS
NOTES
1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm.
2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES.
3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE.
4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS IS PERMITTED.
5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES IS REQUIRED AFTER THE LAST COMPONENT.
6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Ammo Pack Style
Adhesive Tape on Top Side
FLAT SIDE
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
LABEL
Carrier
Strip
183
331
FEE
D
42
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
148Kb / 1P
   TRANSISTOR (NPN)
logo
Supertex, Inc
TO-92 SUTEX-TO-92 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
List of Unclassifed Man...
TO-92 ETC2-TO-92 Datasheet
15Kb / 2P
   DING-DONG SOUND EFFECT GENERATOR IC
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
TO-92 WINNERJOIN-TO-92 Datasheet
127Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TO-92 CDIL-TO-92 Datasheet
193Kb / 4P
   TO-92 (3 leads) Leaded Thru-hole Plastic Package
TO-220 CDIL-TO-220 Datasheet
318Kb / 5P
   TO-220 (3 leads) Thru-hole Plastic Package
TO-92L CDIL-TO-92L Datasheet
320Kb / 5P
   TO-92L (3 Leads) Leaded Plastic Package
WOM CDIL-WOM Datasheet
57Kb / 3P
   WOM 4-Leads Leaded Plastic Package
GBU CDIL-GBU Datasheet
328Kb / 3P
   GBU (4 Leads) In-line Leaded Plastic Package
ITO-220AC CDIL-ITO-220AC Datasheet
412Kb / 6P
   ITO-220AC (2 Leads) Isolated Leaded Plastic Package
TO-220AB CDIL-TO-220AB Datasheet
242Kb / 6P
   TO-220AB Leaded Plastic Package
TO-126 CDIL-TO-126 Datasheet
169Kb / 4P
   TO-126 Leaded Plastic Package
BF195 CDIL-BF195 Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
logo
List of Unclassifed Man...
2SC3197 ETC1-2SC3197 Datasheet
48Kb / 1P
   TO-92 Plastic Package Transistors (NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com