Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772AIP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2772AIP
Description  2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772AIP Datasheet(HTML) 1 Page - Texas Instruments

  TLV2772AIP Datasheet HTML 1Page - Texas Instruments TLV2772AIP Datasheet HTML 2Page - Texas Instruments TLV2772AIP Datasheet HTML 3Page - Texas Instruments TLV2772AIP Datasheet HTML 4Page - Texas Instruments TLV2772AIP Datasheet HTML 5Page - Texas Instruments TLV2772AIP Datasheet HTML 6Page - Texas Instruments TLV2772AIP Datasheet HTML 7Page - Texas Instruments TLV2772AIP Datasheet HTML 8Page - Texas Instruments TLV2772AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLV2772, TLV2772A, TLV2772Y
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
DUAL OPERATIONAL AMPLIFIERS
SLOS209 – JANUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High Slew Rate... 10.5 V/µs Typ
D High-Gain Bandwidth... 5.1 MHz Typ
D Supply Voltage Range 2.7 V to 5 V
D Rail-to-Rail Output
D 360 µV Input Offset Voltage
D Low Distortion Driving 600-Ω
0.005% THD+N
D 1 mA Supply Current (Per Channel)
D 17 nV/√Hz Input Noise Voltage
D 2 pA Input Bias Current
D Characterized from TA = –40°C to 125°C
D Available in MSOP (DGK) Package
description
The TLV2772 dual CMOS operational amplifier combines high slew rate and bandwidth, rail-to-rail output swing,
high output drive and excellent dc precision. The device provides 10.5 V/
µs of slew rate and 5.1 MHz of
bandwidth while only consuming 1 mA of supply current per channel. This ac performance is much higher than
current competitive CMOS amplifiers. The rail-to-rail output swing and high output drive makes this device a
good choice for driving the analog input or reference of analog-to-digital converters. The device also has low
distortion while driving a 600-
Ω load for use in telecom systems.
The amplifier has a 360
µV input offset voltage, a 17 nV Hz input noise voltage, and a 2 pA input bias current
for measurement, medical, and industrial applications. The TLV2772 is also specified across an extended
temperature range (– 40
°C to 125°C) making it useful for automotive systems.
The device operates from a 2.2 V to 5.5 V single supply voltage and is characterized at 2.7 V and 5 V. The single
supply operation and low power consumption make this device a good solution for portable applications. It is
available in an 8-pin PDIP, SOIC and ultra-low profile MSOP package.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM‡
TA
VIOmax AT 25°C
SMALL OUTLINE†
(D)
MSOP
(DGK)
PLASTIC DIP
(P)
CHIP FORM‡
(Y)
0
°C to 70°C
2.5
TLV2772CD
TLV2772CDGK
TLV2772CP
–40
°C to 125°C
2.5
1.6
TLV2772ID
TLV2772AID
TLV2772IDGK
TLV2772AIDGK
TLV2772IP
TLV2772AIP
TLV2772Y
† The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLV2772CDR).
‡ Chip forms are tested at TA = 25°C only.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD+
2OUT
2IN –
2IN+
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN+
VDD–/GND
VDD+
2OUT
2IN –
2IN+
DGK PACKAGE
(TOP VIEW)
This document contains information on products in more than one phase
of development. The status of each device is indicated on the page(s)
specifying its electrical characteristics.
Copyright
© 1998, Texas Instruments Incorporated


Similar Part No. - TLV2772AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772AIP TI-TLV2772AIP Datasheet
918Kb / 54P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AIP TI-TLV2772AIP Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AIP TI-TLV2772AIP Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AIP TI-TLV2772AIP Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AIP TI1-TLV2772AIP Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2772AIP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Texas Instruments
TLV2771-Q1 TI1-TLV2771-Q1 Datasheet
974Kb / 45P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Texas Instruments
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X Datasheet
918Kb / 54P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com