Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P070130 Datasheet(PDF) 1 Page - E-SWITCH

Part # P070130
Description  All DIMENSION IN MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P070130 Datasheet(HTML) 1 Page - E-SWITCH

  P070130 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LC1258EENP
3:1
3/18/2010
P070130
C
BLR
1
1
CIRCUIT: SPDT
NON-SHORTING
3
2
1
P.C.B. LAYOUT
.60
[.024 in]
5.00
[.197 in]
4.60
[.181 in]
2.50
[.098 in]
.60
[.024 in]
.80
[.031 in]
11.30
[.445 in]
4.60
[.181 in]
.60
[.024 in]
12.00
[.472 in]
1.00
[.039 in]
3.50
[.138 in]
8.30
[.327 in]
2.20
[.087 in]
.40
[.016 in]
10.1
[.396 in]
.80
[.031 in]
2.80
[.110 in]
1.20
[.047 in]
NOTES:
1. ALL DIMENSIONS IN MM.
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: DC 30V, 0.3A
5. ACTUATION FORCE: 230
100 GF
6. TOTAL TRAVEL: 3.5 MM
7. TRAVEL TO LOCK: 2.5 MM
8.
DENOTES CRITICAL PARAMETER.
9. 2002/95/EC (ROHS) COMPLIANT
A
-
RELEASED FOR PRODUCTION
3/18/10
-
3
2
1
.95
[.037 in]
3.95
[.156 in]
2.80
[.110 in]
2.80
[.110 in]
B
18957
SHOW SPRING IN VIEWS
3/18/10
BLR
C
22327
Update Print, Redraw in new format
5/27/16
MW
2.00
[.079 in]
2.20
[.087 in]
1.20
[.047 in]
(2)
.90
[.035 in]
(3)
1.20
[.047 in]
5.60
[.220 in]
2.50
[.098 in]
5.70
[.224 in]
4.7
[.19 in]
5.70
[.224 in]


Similar Part No. - P070130

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P070145 E-SWITCH-P070145 Datasheet
29Kb / 1P
   All DIMENSION IN MM
P070160 E-SWITCH-P070160 Datasheet
47Kb / 1P
   All DIMENSION IN MM
P070171 E-SWITCH-P070171 Datasheet
49Kb / 1P
   All DIMENSION IN MM
P070182 E-SWITCH-P070182 Datasheet
76Kb / 1P
   All DIMENSION IN MM
P070183 E-SWITCH-P070183 Datasheet
133Kb / 1P
   All DIMENSION IN MM
More results

Similar Description - P070130

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com