Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6121C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS6121C
Description  10 BASE-T SMD ETHERNET TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS6121C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS6121C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: April 21-2000 Pre by:WuQingli Rev.: X.0
10 BASE-T SMD ETHERNET TRANSFORMER
P/N:TS6121C DATA SHEET
A. GENERAL SPECIFICATIONS:
1. 16 PIN SMD PACKAGE TO MEET 10/100 MB T SPECLFICATION.
2. LOW LEAKAGE INDUCTANCE AND WINDING CAPACITANCES FOR FAST RISE TIME.
3.HIGH ISOLATION VOLTAGES TO COMPLY WITH INTERNATIONAL SAFETY
REQUIRMENTS FOR LAN.
4. OPERATING TEMPERATURE RANGE: 0°C TO +70°C
5.STORAGE TEMP RANG: -25°C TO +125°C
B. ELECTRICAL SPECIFICATIONS: (25° C)
1.TURN RATIOS TX&RX (1-3): (14-16)=1CT: 1CT, (6-8):(9-11)=1CT: 1CT
2.PRIMARY INDUCTANCE (Lp): 350uH Min@ 100KHz/ 0.1Vrms, 8mA DC
3.LCAKAGE INDUCTANCE (L.L): (1-3-2 short 16-15-14)=0.6uH Max
(6-8-7
short 11-10-9)=0.60uH Max
4.PRIMARY CAPACITANCE (CW/W): 25pF Max
5.DCR (1-3) =0.7 OHM, (6-8)=0.5 OHM, (11-9)=1.1 OHM
6.INSERTION LOSS (0.1MHz-100MHz): 1.1 dB MAX
7.RETURN LOSS (dB Min): 30MHz
60MHz
80MHz
-20
-14
-12
8.DIFFERENTIAL TO COMMON MODE REJECTION (dB MIN):
30MHz
60MHz
100MHz
-42
-37
-33
9.CROSSTALK (dB MIN): 30MHz
60MHz
100MHz
-45
-40
-35
10.HI-POT (Vrms): 1500
11.INSERTION LOSS (1MHz~100MHz): -1.15dB Max
C.DIMENSIONS & SCHEMATIC & MARKING (UNIT: mm)


Similar Part No. - TS6121C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6121C ETC1-TS6121C Datasheet
343Kb / 4P
   10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
logo
Bothhand USA, LP.
TS6121C BOTHHAND-TS6121C Datasheet
26Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS6121C BOTHHAND-TS6121C Datasheet
105Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121C BOTHHAND-TS6121C Datasheet
193Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121C3 BOTHHAND-TS6121C3 Datasheet
262Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - TS6121C

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
16ST7011 BOTHHAND-16ST7011_1 Datasheet
187Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS6121B BOTHHAND-TS6121B Datasheet
40Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS7022CM BOTHHAND-TS7022CM Datasheet
423Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS8022LF BOTHHAND-TS8022LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com