Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8330 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8330
Description  Variable Gain Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8330_16 Datasheet HTML 16Page - Analog Devices AD8330_16 Datasheet HTML 17Page - Analog Devices AD8330_16 Datasheet HTML 18Page - Analog Devices AD8330_16 Datasheet HTML 19Page - Analog Devices AD8330_16 Datasheet HTML 20Page - Analog Devices AD8330_16 Datasheet HTML 21Page - Analog Devices AD8330_16 Datasheet HTML 22Page - Analog Devices AD8330_16 Datasheet HTML 23Page - Analog Devices AD8330_16 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD8330
Data Sheet
Rev. H | Page 20 of 32
critical. This objective is complicated by the fact that the
common-mode level varies with the basic gain voltage, VDBS.
Figure 55 shows this relationship for a supply voltage of 5 V, for
temperatures of −40°C, +25°C, and +85°C. Figure 56 shows the
input noise spectral density (RS = 0) vs. the input common-
mode voltage, for VDBS = 0.5 V, 0.6 V, 0.75 V, and 1.5 V. It is
apparent that there is a broad range over which the noise is
unaffected by this dc level. The input CMRR is excellent (see
Figure 16).
VDBS (V)
0
2.6
3.2
3.1
3.0
2.9
2.8
2.7
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = +25°C
T = +85°C
T = –40°C
Figure 55. Common-Mode Voltage at Input Pins vs. VDBS, for VS = 5 V,
T = −40°C, + 25°C, and + 85°C
COMMON-MODE VOLTAGE AT INHI, INLO (V)
0
26
22
20
18
16
14
12
10
8
4
6
24
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8
VDBS = 1.5V
VDBS = 0.75V
VDBS = 0.6V
VDBS = 0.5V
SIMULATION
Figure 56. Input Noise vs. Common-Mode Input Voltage for
VDBS = 0.5 V, 0.6 V, 0.75 V, and 1.5 V
Output Noise and Peak Swing
The output noise of the AD8330 is the input noise multiplied by
the overall gain, including any optional change to the voltage,
VMAG, applied to Pin VMAG. The peak output swing is also
proportional to this voltage, which, at low gains and high values
of VMAG, affects the output noise.
The scaling for VDBS = 0 V is as follows:
VOUT_PK = ±4 VMAG
(8)
VNOISE_OUT = (85 + 70 VMAG) nV/√Hz
(9)
For example, using a reduced value of VMAG = 0.25 V that lowers all
gain values by 6 dB, the peak output swing is ±1 V (differentially)
and the output noise spectral density evaluates to 102.5 nV/√Hz.
The peak output swing is no different at full gain, but the noise
becomes
VNOISE_OUT = (0.1 + 0.32 VMAG) µV/√Hz
(10)
for RS = 0 and VDBS = 1.5 V, assuming an input noise of 5 nV/√Hz.
The output noise for very small values of VMAG (at or below 15 mV)
is not precise, partly because the small input offset associated
with this interface has a large effect on the gain.
Offset Compensation
The AD8330 includes an offset compensation feature that is
operational in the default condition (no connection to Pin OFST).
This loop introduces a high-pass filter function into the signal
path, whose −3 dB corner frequency is at
(
)
HP
INT
HPF
C
R
f
π
=
2
1
(11)
where:
CHP is the external capacitance added from OFST to CNTR.
RINT is an internal resistance of approximately 480 Ω, having a
maximum uncertainty of about ±20%.
This evaluates to
HP
HPF
C
f
µ
= 330
(CHP in μF)
(12)
A small amount of peaking at this corner when using small
capacitor values can be avoided by adding a series resistor.
Useful combinations are CHP = 3 nF, RHP = 180 Ω, f = 100 kHz;
CHP = 33 nF, RHP = 10 Ω, f = 10 kHz; CHP = 0.33 μF, RHP = 0 Ω,
f = 1 kHz; CHP = 3.3 μF, RHP = 0 Ω, f = 100 Hz.
The offset compensation feature can be disabled simply by
grounding the OFST pin. This provides a dc-coupled signal
path, with no other effects on the overall ac response. Input
offsets must be externally nulled in this mode of operation, as
shown in Figure 58.
Effects of Loading on Gain and AC Response
The differential output impedance (RO) is 150 Ω, and the fre-
quency response of the output stage is optimized for operation
with a certain load capacitance on each output pin (OPHI and
OPLO) to ground, in combination with a load resistance (RL)
directly across these pins. In the absence of these capacitances,
there is a small amount of peaking at the top extremity of the ac
response. Suitable combinations are: RL = ∞, CL = 12 pF; RL =
150 Ω, CL = 25 pF; RL = 75 Ω, CL = 40 pF; or RL = 50 Ω, CL = 50 pF.
The gain calibration is specified for an open-circuited load,
such as the high input resistance of an ADC. When resistively
loaded, all gain values are nominally lowered as follows:
(
)
L
L
UNLOADED
LOADED
R
R
G
G
+
=
Ω
150
(13)


Similar Part No. - AD8330_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8330-EVAL AD-AD8330-EVAL Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
AD8330-EVAL AD-AD8330-EVAL Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330-EVALZ AD-AD8330-EVALZ Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330ACP AD-AD8330ACP Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
AD8330ACP-R2 AD-AD8330ACP-R2 Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
More results

Similar Description - AD8330_16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com