Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC996LP4E Datasheet(PDF) 6 Page - Analog Devices

Part # HMC996LP4E
Description  VARIABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC996LP4E Datasheet(HTML) 6 Page - Analog Devices

  HMC996LP4E Datasheet HTML 1Page - Analog Devices HMC996LP4E Datasheet HTML 2Page - Analog Devices HMC996LP4E Datasheet HTML 3Page - Analog Devices HMC996LP4E Datasheet HTML 4Page - Analog Devices HMC996LP4E Datasheet HTML 5Page - Analog Devices HMC996LP4E Datasheet HTML 6Page - Analog Devices HMC996LP4E Datasheet HTML 7Page - Analog Devices HMC996LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC996LP4E
v01.0112
VARIABLE GAIN AMPLIFIER
5 - 12 GHz
Pin Descriptions
pin number
function
Description
interface Schematic
1, 2, 6, 8, 10,
11, 13, 17, 18,
20, 21, 22, 23
n/C
The pins are not connected internally: however all data
shown herein was measured with these pins connected
to rf/DC ground externally
3, 5, 14, 16
GnD
These pins and exposed ground paddle must be connected to
rf/DC ground.
4
rfin
This pad is aC coupled
and matched to 50 Ohm.
7, 12
Vgg1, 2
Gate control for amplifier. adjust voltage to achieve typical
idd. please follow “mmiC amplifier biasing procedure”
application note.
9
Vctrl
Gain control Voltage for the amplifier. See assembly
diagram for required external components.
15
rfOUT
This pad is aC coupled
and matched to 50 Ohm.
19, 24
Vdd1, 2
Drain bias Voltage for the amplifier. See assembly diagram for
required external components
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC996LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E Datasheet
467Kb / 8P
   Variable Gain Amplifier 5 to 12 GHz
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results

Similar Description - HMC996LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com