Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W81E381D Datasheet(PDF) 8 Page - Winbond

Part # W81E381D
Description  FULL SPEED USB INTEGRATED MICROCONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W81E381D Datasheet(HTML) 8 Page - Winbond

Back Button W81E381D Datasheet HTML 4Page - Winbond W81E381D Datasheet HTML 5Page - Winbond W81E381D Datasheet HTML 6Page - Winbond W81E381D Datasheet HTML 7Page - Winbond W81E381D Datasheet HTML 8Page - Winbond W81E381D Datasheet HTML 9Page - Winbond W81E381D Datasheet HTML 10Page - Winbond W81E381D Datasheet HTML 11Page - Winbond W81E381D Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
W81E381D/W81E381AD
Publication Release Date: January 2002
- 8 -
Revision 0.52
3.1.1 48- pin LQFP package description
SYMBOL
TYPE PIN NO
DESCRIPTIONS
U
US
SB
B P
Piin
ns
s
AVDD
PWR
1
Analog 5V power supply
AVSS
PWR
2
Analog 5V power ground
V33
PWR
5
USB DC power 3.3V output.
D+
I/O
3
USB signal (+)
D-
I/O
4
USB signal (-)
XTALI
I
36
Crystal input. Use 6M Hz crystal. A 6 MHz clock source may also be
used.
XTALO
O
37
Crystal output.
E
Ex
xttrra
a P
Piin
ns
s
PLLEN
I
27
PLL enable pin; Schmitt-trigger pull up input
u
uC
C P
Piin
ns
s
RVED1-3
X
21,41,
48
Reserved pins. Leave these pins floating.
RST
I L
29
RESET: A high on this pin for two machine cycles while the oscillator is
running resets the device.
P0.0
−P0.7
I/O D
46,47,
8,9,
15,16,
17,18
PORT 0: Function is the same as that of the standard 8052.
P1.0
I/O
10
It is a high drive I/O pad. Used as a GPIO pin for memory-type SC
P1.1
I/O
11
It is a high drive I/O pad. Used as a GPIO pin for memory-type SC
P1.2
I/O
12
Used as a GPIO pin for memory-type SC
P1.3
I/O
13
Used as a GPIO pin for memory-type SC
P1.4
I/O
14
Used as a GPIO pin for memory-type SC
P1.5
I/O
22
Used as a GPIO pin for memory-type SC
P1.6
I/O
25
GPIO & remote wakeup pin
P1.7
I/O
26
GPIO & external interrupt pin
P2.2
I/O H
28
It’s a bi-directional I/O port with internal pull-ups. It can be programmed
to be an output-latched port like an on-chip 74373, or a buffer input
port like an on-chip 74244.


Similar Part No. - W81E381D

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W810 LUMINIS-W810 Datasheet
110Kb / 2P
   Post top mount
logo
Winbond
W81181AD WINBOND-W81181AD Datasheet
211Kb / 18P
   USB HUB CONTROLLER
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
W81282F WINBOND-W81282F Datasheet
175Kb / 18P
   USB Keyboard Controller with 4 Ports Hub
More results

Similar Description - W81E381D

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
logo
ATMEL Corporation
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713 Datasheet
1Mb / 55P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com