Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-B Datasheet(PDF) 9 Page - Winbond

Part # W83194BR-B
Description  Stepless Clock Gen. For INTEL Brookdale Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-B Datasheet(HTML) 9 Page - Winbond

Back Button W83194BR-B Datasheet HTML 5Page - Winbond W83194BR-B Datasheet HTML 6Page - Winbond W83194BR-B Datasheet HTML 7Page - Winbond W83194BR-B Datasheet HTML 8Page - Winbond W83194BR-B Datasheet HTML 9Page - Winbond W83194BR-B Datasheet HTML 10Page - Winbond W83194BR-B Datasheet HTML 11Page - Winbond W83194BR-B Datasheet HTML 12Page - Winbond W83194BR-B Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
Publication Release Date: February 2003
- 5 -
Revision 2.0
W83194BR-B
5.4 Fixed Frequency Outputs
PIN
Pin Name
Type
Description
REF^
OUT
14.318NHz output. This pin is with x1.5 ~ x2 driving strength.
48
FS2
&
INtd120k
Latched input for FS2 at initial power up for H/W selecting the
output frequency of CPU, 3V66 and PCI clocks. This is internal
120K pull down.
34
48MHz_DOT
OUT
48MHz clock output for DOT.
48MHz_USB
OUT
48MHz clock output for USB.
35
FS3
&
INtd120k
Latched input for FS3 at initial power up for H/W selecting the
output frequency. This is internal 120K pull down.
5.5 Power Pins
PIN
Pin Name
Description
1,
VDDREF
3.3V power supply for REF.
7, 13
VDDPCI
3.3V power supply for PCI.
18, 30
VDD3V66
3.3V power supply for 3V66.
41, 45
VDDCPU
3.3V power supply for CPU.
24
VDDA
3.3V power supply for analog core.
33
AVDD48
Analog power 3.3V for 48M Hz
4, 8, 14, 19,
25, 29, 32,
36, 42
GND
Ground pin for 3.3 V


Similar Part No. - W83194BR-B

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-372 WINBOND-W83194BR-372 Datasheet
332Kb / 24P
   CLOCK GENERATOR FOR SIS 746/748 CHIPSETS
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results

Similar Description - W83194BR-B

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com