Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01-150 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WD01-150
Description  Wireless Controller Module with RF Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01-150 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WD01-150 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01-150 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01-150 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01-150 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01-150 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01-150 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01-150 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 4 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
IO and ANALOG Connector
4 x 10-bit resolution Analog Input Channels. (0 – 5V unbufferred)
8 x TTL level Digital IO
Pitch: 2.54mm
Style: 7 + 7 D.I.L
Pin No.
Pin
Name
Description
1
D1
Digital IO (RC1)
2
+5V
VCC, DC Power source (200mA max)
3
D2
Digital IO (RC2)
4
A1
Digital IO (RB7)
5
D3
Digital IO (RC3)
6
A2
Digital IO (RB6)
7
D4
Digital IO (RC4)
8
A3
Digital IO (RB5)
9
D5
Digital IO (RC5)
10
A4
Digital IO (RB4)
11
D6
Digital IO (RB5)
12
GND
Common, 0V
13
D7
Digital IO (RB6)
14
GND
Common, 0V
15
D8
Digital IO (RB7)
16
GND
Common, 0V
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16


Similar Part No. - WD01-150

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WD01 WEITRON-WD01 Datasheet
411Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01_10 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - WD01-150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com