Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01-433 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WD01-433
Description  Wireless Controller Module with RF Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01-433 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WD01-433 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01-433 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01-433 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01-433 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01-433 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01-433 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01-433 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 6 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
Power Connector
7V to 20V DC input. 130mA max.
Pitch: 2.54
Style: S.I.L header
Pin No.
Pin
Name
Description
1
VCC
7 to 24V DC power supply input
2
GND
Common, 0V
MECHANICAL DETAILS
2
1


Similar Part No. - WD01-433

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WD01 WEITRON-WD01 Datasheet
411Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01_10 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - WD01-433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com