Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLA14-3030A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WLA14-3030A
Description  1.20-1.60 GHz LOW NOISE GPS AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WLA14-3030A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WLA14-3030A Datasheet HTML 1Page - List of Unclassifed Manufacturers WLA14-3030A Datasheet HTML 2Page - List of Unclassifed Manufacturers WLA14-3030A Datasheet HTML 3Page - List of Unclassifed Manufacturers WLA14-3030A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
17350 Horizon Trail, SE
Prior Lake, MN 55372
USA
Tel. 1 952 212 8028
Fax: 1 952 447 8028
e-amil: sales@wantcominc.com
www.wantcominc.com
g) Ordering Information
Model Number
WLA14-3030A
WLA14-3030ABT
Built-In Bias-T
NO
Yes
h) Small Signal S-Parameters:
!WLA14-3030A
!s-parameters at Vds=3V, Id=35mA. Last updated 8/26/02.
# GHZ s MA R 50
!F(GHz) MAG S11 ANG S11 MAG S21 ANG S21 MAG S12 ANG S12 MAG S22 ANG S22
0.05
0.51
-9.6
4.03
156.3
0.0000
-180.0
0.74
165.8
0.1
0.49
-12.5
14.68
116.8
0.0001
-164.8
0.63
138.5
0.2
0.56
-10.8
41.29
56.2
0.0006
176.1
0.42
98.9
0.3
0.73
-43.3
62.50
-2.3
0.0016
133.1
0.28
85.2
0.4
0.58
-77.7
62.54
-49.8
0.0025
101.8
0.25
75.5
0.5
0.38
-100.7
55.77
-84.4
0.0030
80.0
0.25
58.7
0.6
0.24
-118.1
48.71
-111.6
0.0036
64.9
0.24
40.6
0.7
0.12
-130.1
42.81
-135.1
0.0043
51.2
0.22
23.4
0.8
0.05
-123.7
38.98
-156.4
0.0048
39.3
0.20
3.5
0.9
0.03
-40.6
35.62
-175.1
0.0056
28.0
0.18
-15.9
1
0.05
-15.7
32.87
166.9
0.0064
16.5
0.16
-38.4
1.1
0.06
-13.4
30.73
148.7
0.0074
4.7
0.14
-59.1
1.2
0.06
-9.0
29.18
131.1
0.0084
-7.4
0.10
-85.1
1.3
0.06
1.1
27.86
113.7
0.0093
-20.1
0.07
-118.9
1.4
0.06
19.4
26.87
96.1
0.0100
-33.6
0.05
-172.4
1.5
0.08
43.9
26.22
78.1
0.0110
-46.6
0.05
123.6
1.6
0.12
61.0
25.67
58.8
0.0110
-59.5
0.07
76.2
1.7
0.23
66.4
25.32
37.2
0.0120
-72.4
0.12
44.8
1.8
0.39
52.8
24.13
13.4
0.0120
-84.6
0.15
15.9
1.9
0.54
33.5
21.51
-9.5
0.0130
-96.4
0.17
-9.7
2
0.66
14.2
18.31
-29.9
0.0130
-108.4
0.19
-30.9
2.1
0.75
-3.4
15.55
-48.5
0.0130
-120.6
0.22
-54.0
2.2
0.80
-18.9
13.23
-65.9
0.0140
-131.9
0.23
-74.6
2.3
0.83
-32.8
11.03
-80.8
0.0140
-143.0
0.24
-96.1
2.4
0.84
-45.3
9.45
-95.8
0.0140
-154.7
0.24
-114.5
2.5
0.85
-56.6
8.39
-109.6
0.0140
-163.9
0.25
-132.7
2.6
0.85
-66.9
7.57
-121.8
0.0140
-172.5
0.25
-149.6
2.7
0.85
-77.0
6.89
-131.8
0.0140
176.9
0.25
-165.5
2.8
0.84
-86.2
6.10
-143.9
0.0140
165.4
0.25
177.9
2.9
0.83
-95.4
5.51
-156.9
0.0140
155.8
0.26
166.1
3
0.82
-104.5
5.18
-169.1
0.0150
148.4
0.26
151.1
3.5
0.69
-143.0
4.24
121.8
0.0180
93.1
0.28
99.7
4
0.58
-175.7
2.45
63.5
0.0160
42.8
0.45
33.2
4.5
0.58
168.8
2.10
-20.7
0.0190
-29.3
0.53
-22.5
5
0.55
129.1
1.19
-94.8
0.0140
-96.0
0.62
-81.2
5.5
0.34
116.7
0.61
-166.8
0.0089
-162.0
0.66
-140.3
6
0.49
109.1
0.25
140.5
0.0041
141.9
0.66
162.8


Similar Part No. - WLA14-3030A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
   Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
More results

Similar Description - WLA14-3030A

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Tyco Electronics
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
logo
SJM Prewell. All Rights...
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com