Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23105-A5407-201 Datasheet(PDF) 8 Page - Tyco Electronics

Part # V23105-A5407-201
Description  The Best Relaytion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23105-A5407-201 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button V23105-A5407-201 Datasheet HTML 3Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 4Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 5Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 6Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 7Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 8Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 9Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 10Page - Tyco Electronics V23105-A5407-201 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
RF Characteristics
Isolation at 100 / 900 MHz
Insertion loss at 100 / 900 MHz
V.S.W.R. at 100 / 900 MHz
max. 2 pF
max. 1.5 pF
max. 1 pF
-39.0 dB / -20.7 dB
-0.02 dB / -0.27 dB
1.04 / 1.40
High Frequency Data
5 ms / 7 ms
4 ms / 6 ms
7 ms / 10 ms
3 ms / 5 ms
20 operations/s
-25° C ... +85° C
-25° C ... +75° C
-25° C ... +60° C
< 100 K/W
105° C
10 g
10 to 55 Hz
10 g (function)
40 g (damage)
immersion cleanable, IP 67 / RT III
application time 20 s, burning time < 15 s
any
Ultrasonic cleaning is not recommended
max. 2.5 g
SnCu 0,7
260° C / 10 s
D2n Relay
Insulation
Insulation resistance at 500 Vdc
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
Surge voltage resistance
according to FCC 68 (10 / 160 ms)
between coil and contacts
between adjacent contact sets
between open contacts
> 109 W
1000 Vrms
750 Vrms
750 Vrms
1500 V
1500 V
1500 V
General data
Operate time at U
nom typ. / max.
Release time without diode in parallel, typ. / max.
Release time with diode in parallel, typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
150 and 200 mW coil
400 mW coil
500 mW coil
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
Degree of protection / Environmental protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Terminal coating
Resistance to soldering heat
All data refers to 23° C unless otherwise specified.
V23105
Page 8 (11)
108-98007 Rev. C


Similar Part No. - V23105-A5407-201

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23105 TEC-V23105 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
logo
Tyco Electronics
V23105A5001A201 MACOM-V23105A5001A201 Datasheet
888Kb / 3P
   D2n Relay V23105
logo
TE Connectivity Ltd
V23105A5001A201 TEC-V23105A5001A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
logo
Tyco Electronics
V23105A5002A201 MACOM-V23105A5002A201 Datasheet
888Kb / 3P
   D2n Relay V23105
logo
TE Connectivity Ltd
V23105A5002A201 TEC-V23105A5002A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
More results

Similar Description - V23105-A5407-201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com