Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV2N6058 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTXV2N6058
Description  NPN DARLINGTON POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV2N6058 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTXV2N6058 Datasheet HTML 1Page - Microsemi Corporation JANTXV2N6058 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6058, 2N6059 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 3.0 Vdc
IC = 6.0 Adc, VCE = 3.0 Vdc
IC = 12 Adc, VCE = 3.0 Vdc
hFE
1,000
1,000
150
18,000
Collector-Emitter Saturation Voltage
IC = 12 Adc, IB = 120 mAdc
IC = 6.0 Adc, IB = 24 mAdc
VCE(sat)
3.0
2.0
Vdc
Base-Emitter Saturation Voltage
IC = 12 Adc, IB = 120 mAdc
VBE(sat)
4.0
Vdc
Base-Emitter Voltage
IC = 6.0 Adc, VCE = 3.0 Vdc
VBE
2.8
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 5.0Adc, VCE = 3.0 Vdc, f = 1.0 MHz
h
fe
10
250
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz
hfe
1,000
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
300
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 5.0 Adc; IB = 20 mAdc
ton
2.0
µs
Turn-Off Time
VCC = 30 Vdc; IC = 5.0 Adc; IB1 = IB2 = 20 mAdc
toff
10
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C + 100C, -00, 1 Cycle, t
≥ 1.0 s
Test 1
VCE = 12.5 Vdc, IC = 12 Adc
Test 2
VCE = 30 Vdc, IC = 5.0 Adc
Test 3
VCE = 70 Vdc, IC = 200 mAdc
2N6058
Test 4
VCE = 90 Vdc, IC = 155 mAdc
2N6059
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - JANTXV2N6058

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
JANTXV2N6051 MICREL-JANTXV2N6051 Datasheet
57Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
JANTXV2N6052 MICREL-JANTXV2N6052 Datasheet
57Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
More results

Similar Description - JANTXV2N6058

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1202 ISC-2SD1202 Datasheet
253Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD650 ISC-2SD650 Datasheet
266Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
M/A-COM Technology Solu...
2N6249 MA-COM-2N6249 Datasheet
446Kb / 4P
   NPN Darlington Power Silicon Transistor
logo
New Jersey Semi-Conduct...
BU180 NJSEMI-BU180 Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BU807FI NJSEMI-BU807FI Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX33A NJSEMI-BDX33A Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX53F NJSEMI-BDX53F Datasheet
129Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com