Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT3G14DC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT3G14DC
Description  Inverting Schmitt-triggers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT3G14DC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT3G14DC Datasheet HTML 5Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 6Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 7Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 8Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 9Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 10Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 11Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 12Page - NXP Semiconductors 74HCT3G14DC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2003 Nov 04
9
Philips Semiconductors
Product specification
Inverting Schmitt-triggers
74HC3G14; 74HCT3G14
TRANSFER CHARACTERISTICS
Type 74HC3G14
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
VT+
positive going threshold
voltage
see Figs. 5 and 6
2.0
1.0
1.18
1.5
V
4.5
2.3
2.6
3.15
V
6.0
3.0
3.46
4.2
V
VT-
negative going threshold
voltage
see Figs. 5 and 6
2.0
0.3
0.6
0.9
V
4.5
1.13
1.47
2.0
V
6.0
1.5
2.06
2.6
V
VH
hysteresis voltage
(VT+ − VT-)
see Figs. 5 and 6
2.0
0.3
0.6
1.0
V
4.5
0.6
1.13
1.4
V
6.0
0.8
1.40
1.7
V
Tamb = −40 to +85 °C
VT+
positive going threshold
voltage
see Figs. 5 and 6
2.0
1.0
1.5
V
4.5
2.3
3.15
V
6.0
3.0
4.2
V
VT-
negative going threshold
voltage
see Figs. 5 and 6
2.0
0.3
0.9
V
4.5
1.13
2.0
V
6.0
1.5
2.6
V
VH
hysteresis voltage
(VT+ − VT-)
see Figs. 5 and 6
2.0
0.3
1.0
V
4.5
0.6
1.4
V
6.0
0.8
1.7
V
Tamb = −40 to +125 °C
VT+
positive going threshold
voltage
see Figs. 5 and 6
2.0
1.0
1.5
V
4.5
2.3
3.15
V
6.0
3.0
4.2
V
VT-
negative going threshold
voltage
see Figs. 5 and 6
2.0
0.3
0.9
V
4.5
1.13
2.0
V
6.0
1.5
2.6
V
VH
hysteresis voltage
(VT+ − VT-)
see Figs. 5 and 6
2.0
0.3
1.0
V
4.5
0.6
1.4
V
6.0
0.8
1.7
V


Similar Part No. - 74HCT3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G14DC NXP-74HCT3G14DC Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HCT3G14DC NEXPERIA-74HCT3G14DC Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HCT3G14DC-Q100 NEXPERIA-74HCT3G14DC-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
74HCT3G14DC-Q100 NEXPERIA-74HCT3G14DC-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
More results

Similar Description - 74HCT3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G14 PHILIPS-74HC2G14 Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com