Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F800CV-T60 Datasheet(PDF) 8 Page - Intel Corporation

Part # TE28F800CV-T60
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F800CV-T60 Datasheet(HTML) 8 Page - Intel Corporation

Back Button TE28F800CV-T60 Datasheet HTML 4Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 5Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 6Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 7Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 8Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 9Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 10Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 11Page - Intel Corporation TE28F800CV-T60 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
2-MBIT SmartVoltage BOOT BLOCK FAMILY
E
8
SEE NEW DESIGN RECOMMENDATIONS
i386™ EX CPU
(25 MHz)
A[17:1]
CS#
RD#
WR#
CE#
A[16:0]
OE#
WE#
D[15:0]
D[15:0]
RP#
RESET
RESET
28F200BV-60
NOTE:
A data bus buffer may be needed for processor speeds above 25 MHz.
0530_01
Figure 1. 28F200 Interface to Intel386™ EX Microprocessor
UCS#
80C188EB
-A
15
A
8
ALE
P1.X
WR#
RD#
RESIN#
System Reset
WE#
OE#
VPP
ADDRESS
LATCHES
LE
ADDRESS
LATCHES
LE
CE#
RP#
28F002-T
-AD
7
AD
0
A[16:17]
DQ
0
-DQ
7
WP#
VCC
10K
P1.X
VCC
A
0
-A
17
0530_02
Figure 2. 28F002B Interface to Intel80C188EB 8-Bit Embedded Microprocessor


Similar Part No. - TE28F800CV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F800C3 INTEL-TE28F800C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
TE28F800C3B110 INTEL-TE28F800C3B110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F800C3B90 INTEL-TE28F800C3B90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F800C3BA110 INTEL-TE28F800C3BA110 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BA70 INTEL-TE28F800C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - TE28F800CV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com