Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC378PMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC378PMX
Description  Parallel D Register with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC378PMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54AC378PMX Datasheet HTML 1Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 2Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 3Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 4Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 5Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 6Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 7Page - National Semiconductor (TI) 54AC378PMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’AC
20V to 60V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74AC
b
40 Cto a85 C
54AC
b
55 Cto a125 C
Minimum Input Edge Rate (DV Dt)
’AC Devices
VIN from 30% to 70% of VCC
VCC
33V 45V 55V
125 mVns
DC Characteristics for ’AC Family Devices
74AC
54AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
30
15
21
21
21
VOUT e 01V
Input Voltage
45
225
315
315
315
V
or VCC b 01V
55
275
385
385
385
VIL
Maximum Low Level
30
15
09
09
09
VOUT e 01V
Input Voltage
45
225
135
135
135
V
or VCC b 01V
55
275
165
165
165
VOH
Minimum High Level
30
299
29
29
29
IOUT eb50 mA
Output Voltage
45
449
44
44
44
V
55
549
54
54
54
VIN e VIL or VIH
30
256
24
246
b
12 mA
45
386
37
376
V
IOH
b
24 mA
55
486
47
476
b
24 mA
VOL
Maximum Low Level
30
0002
01
01
01
IOUT e 50 mA
Output Voltage
45
0001
01
01
01
V
55
0001
01
01
01
VIN e VIL or VIH
30
036
05
044
12 mA
45
036
05
044
V
IOL
24 mA
55
036
05
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
A
VI e VCC GND
Leakage Current
All outputs loaded thresholds on input associated with output under test
3


Similar Part No. - 54AC378PMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54AC373 TI-54AC373 Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54AC373D NSC-54AC373D Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373F NSC-54AC373F Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373L NSC-54AC373L Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54AC378PMX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC378 MOTOROLA-MC74AC378 Datasheet
186Kb / 7P
   PARALLEL D REGISTER WITH ENABLE
logo
National Semiconductor ...
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
Fairchild Semiconductor
74F378 FAIRCHILD-74F378 Datasheet
56Kb / 6P
   Parallel D-Type Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com