Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC150M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADC150M
Description  Programmable Integrating A/D Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC150M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADC150M Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC150M Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL SPECIFICATIONS
MODEL
PARAMETER
ACCURACY
TEMPERATURE STABILITY
TIME STABILITY
ERROR ALL SOURCES
CONVERSION TIME
WARM-UP TIME
TEMPERATURE RANGE
CONVERT INPUT
AUTO ZERO INPUT
DIGITAL OUTPUTS
DIGITAL INPUTS
POWER SUPPLY CURRENTS
POWER SUPPLY VOLTAGES
ANALOG INPUT CHARACTERISTICS
POWER SUPPLY REJECTION
Resolution
Input Equivalent Noise
Offset without Auto Zero
Offset with Auto Zero
Full Scale
Noise (.1-10Hz) @ 10V
Nonlinearity
Normal Mode Rejection
Offset
Full Scale
Offset
Full Scale
MIN
MAX
TYP
MIN
MAX
TYP
MIN
MAX
TYP
ADC150C
ADC150CA
ADC150M
Bits
µV
ppm
ppm
ppm
µVpp
ppm
dB
1
6
1
*
*
*
*
*
*
*
*
*
*
60
*
*
0.2
0.1
*
1.0
0.5
*
ppm/oC
ppm/oC
.1
2
ppm/24 hrs.
ppm/month
.0005, 2
.0003, 2
%, +/- Counts
24 hrs, +/- 1 Deg. C Amb.
90 days, +/- 5 Deg. C Amb.
1 year, +/- 5 Deg. C Amb.
.0010, 2
.0008, 2
*
.0015, 2
.0013, 2
%, +/- Counts
%, +/- Counts
*
*
1067
ms
*
5
*
*
*
minutes
+/- 15 VDC
5 VDC
80
80
*
*
dB
*
*
dB
Low
High
Low
High
Low
High
Low
High
-25
85
*
*
-55
125
V
V
V
V
V
V
V
V
0.8
*
4.0
*
0.8
*
*
4.0
*
*
4.0
*
*
4.0
*
*
*
*
0.8
*
*
0.8
*
*
+15 V
23
*
*
mA
-15 V
24
*
*
mA
5 v
42
*
*
mA
+15 V
-15 V
5 v
14.5
15
15.5
*
*
*
*
*
*
V
14.5
15
15.5
*
*
*
*
*
*
V
4.5
5
5.5
*
*
*
*
*
*
V
Input Range
-10.485760
10.485755
3
*
*
*
*
V
Bias Current
1.2
*
*
nA
Input Impedance
200
*
*
G
2
0.5
50
*
* Same as ADC150C
Note: 1) 60 Cycle
2) ( Max-Min Value) - Noise(.1-10Hz)
ADC150
(Vps = +/- 15V, + 5V, T = 25 Deg. C.)
*
*
*
*
4
1
100
2
1
o
C
2
24
*
*
18
ADC150DS REV. F MAR 00


Similar Part No. - ADC150M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC150 ETC2-ADC150 Datasheet
201Kb / 4P
   Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
   Programmable Integrating A/D Converter
More results

Similar Description - ADC150M

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
   Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
   Programmable Integrating A/D Converter
logo
List of Unclassifed Man...
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
   Programmable Integrating A/D Converter
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
   Precision 22 Bit Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
   10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Renesas Technology Corp
M62301SP RENESAS-M62301SP Datasheet
157Kb / 12P
   10 to 12-bit 4-ch Integrating A/D Converter
logo
IC-Haus GmbH
IC-OC ICHAUS-IC-OC Datasheet
198Kb / 9P
   INTEGRATING LIGHT-VOLTAGE CONVERTER
logo
Analog Devices
AD1170 AD-AD1170_15 Datasheet
1Mb / 12P
   High Resolution Programmable Intergrating A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com