Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5120CGHK Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5120CGHK
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5120CGHK Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5120CGHK Datasheet HTML 6Page - Texas Instruments ADS5120CGHK Datasheet HTML 7Page - Texas Instruments ADS5120CGHK Datasheet HTML 8Page - Texas Instruments ADS5120CGHK Datasheet HTML 9Page - Texas Instruments ADS5120CGHK Datasheet HTML 10Page - Texas Instruments ADS5120CGHK Datasheet HTML 11Page - Texas Instruments ADS5120CGHK Datasheet HTML 12Page - Texas Instruments ADS5120CGHK Datasheet HTML 13Page - Texas Instruments ADS5120CGHK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADS5120
10
SBAS247B
www.ti.com
APPLICATION INFORMATION
CONVERTER OPERATION
The ADS5120 is an 8-channel, simultaneous sampling ADC.
Its low power (100mW/channel) and high sampling rate of
40MSPS is achieved using a state-of-the-art switched ca-
pacitor pipeline architecture built on an advanced low-volt-
age CMOS process. The ADS5120 primarily operates from a
+1.8V single supply. For additional interfacing flexibility, the
digital I/O supply (DRVDD) can be set to either +1.8V or
+3.3V. The ADC core of each channel consists of 10 pipeline
stages. Each of the 10 stages produces one digital bit per
stage. Both the rising and the falling clock edges are utilized
to propagate the sample through the pipeline every half
clock, for a total of five clock cycles. Two additional clock
cycles are needed to pass the sample data through the
digital error correction logic and the output latches. The total
pipeline delay, or data latency, is therefore seven clock
cycles long. Since a common clock controls the timing of all
eight channels, the analog signal is sampled at the same
time, as well as the data on the parallel ports which becomes
updated simultaneously.
ANALOG INPUTS
The analog input for each channel of the ADS5120 consists
of a differential track-and-hold amplifier implemented using a
switched capacitor technique, shown in Figure 1. This differ-
ential input topology along with closely matched capacitors
produces a high level of AC performance up to high sampling
rates.
INPUT IMPEDANCE
Because of the switched capacitor input track-and-hold am-
plifier, the input impedance of the ADS5120 is effectively
capacitive, and the driving source needs to provide sufficient
slew current to charge and discharge the input sampling
capacitor while the track-and-hold amplifier is in track mode.
The input impedance of the ADS5120 is also a function of the
sampling rate. As the sampling frequency increases, the
input impedance decreases linearly at a rate of 1/fs. For most
applications, this does not represent a limitation since the
impedance remains relatively high, for example, approxi-
mately 83k
Ω at the max sampling rate of 40MSPS. For
applications using an op amp to drive the ADC, it is recom-
mended that a series resistor, typically 10
Ω to 50Ω, be added
between the amplifier’s output and the converter inputs. This
will isolate the converter’s capacitive input from the driver
and avoid potential gain peaking, or instability.
INPUT BIASING
The ADS5120 operates from a single +1.8V analog supply,
and requires each of the analog inputs (AIN+, AIN–) to be
externally biased by a suitable common-mode voltage. For
example, with a common-mode voltage of +1V, the 1Vp-p
full-scale, differential input signal will swing symmetrically
around +1V, or between 0.75V and 1.25V. This is determined
by the two reference voltages, the top reference (REFT), and
the bottom reference (REFB). Typically, the input common-
mode level is related to the reference voltages and defined
as (REFT + REFB)/2. This reference mid-point is provided at
the CML pin and can directly be used for input biasing
purposes. The voltage at CML will assume the mid-point for
either internal or external reference operation. In any case, it
is recommended to bypass the CML pin with a ceramic 0.1
µF
capacitor.
DRIVING THE ANALOG INPUTS
Differential versus Single-Ended
The analog input of the ADS5120 allows it to be driven either
single-ended or differentially. Differential operation of the
ADS5120 requires an input signal that consists of an in-
phase and a 180
° out-of-phase part simultaneously applied
to the inputs (AIN+, AIN–). The differential operation offers a
number of advantages, which in most applications will be
instrumental in achieving the best dynamic performance of
the ADS5120:
• The signal swing is half of that required for the single-
ended operation and is therefore less demanding to achieve
while maintaining good linearity performance from the
signal source.
• The reduced signal swing allows for more headroom of the
interface circuitry and therefore a wider selection of the
best suitable driver op amp.
• Even-order harmonics are minimized.
• Improves the noise immunity based on the converter’s
common-mode input rejection.
T&H
C
IN
V
BIAS
V
BIAS
C
IN
S
1
S
2
S
3
S
4
S
6
S
5
AIN+
AIN–
Tracking Phase: S
1, S2, S3, S4 closed; S5, S6 open.
Hold Phase:
S
1, S2, S3, S4 open; S5, S6 closed.
ADS5120
FIGURE 1. Simplified Circuit of Input Track-and-Hold.


Similar Part No. - ADS5120CGHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5120CGHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com