Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7463ARQ Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7463ARQ
Description  dB COOL Remote Thermal Controller and Voltage Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7463ARQ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7463ARQ Datasheet HTML 4Page - Analog Devices ADT7463ARQ Datasheet HTML 5Page - Analog Devices ADT7463ARQ Datasheet HTML 6Page - Analog Devices ADT7463ARQ Datasheet HTML 7Page - Analog Devices ADT7463ARQ Datasheet HTML 8Page - Analog Devices ADT7463ARQ Datasheet HTML 9Page - Analog Devices ADT7463ARQ Datasheet HTML 10Page - Analog Devices ADT7463ARQ Datasheet HTML 11Page - Analog Devices ADT7463ARQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
REV. 0
–8–
ADT7463
TACH2
PWM3
TACH3
D1+
D1–
3.3VSB
5V
12V/VID5
CURRENT
VCORE
GND
SMBALERT
ADT7463
SCL
SDA
THERM
D2+
D2–
VID[0:4]/VID[0:5]
TACH1
PWM1
ADP316x
VRM
CONTROLLER
FRONT
CHASSIS
FAN
REAR
CHASSIS
FAN
AMBIENT
TEMPERATURE
VCOMP
5(VRM9)/6(VRM10)
PROCHOT
Figure 2. Recommended Implementation
RECOMMENDED IMPLEMENTATION
Configuring the ADT7463 as in Figure 2 allows the systems
designer the following features:
• Six VID inputs (VID0 to VID5) for VRM10 support
• Two PWM outputs for fan control of up to three fans (the
front and rear chassis fans are connected in parallel)
• Three TACH fan speed measurement inputs
• VCC measured internally through Pin 4
• CPU core voltage measurement (VCORE)
• 2.5 V measurement input used to monitor CPU current
(connected to VCOMP output of ADP316x VRM Control-
ler). This is used to determine CPU power consumption.
• 5 V measurement input
• VRM temperature uses local temperature sensor
• CPU temperature measured using Remote 1 temperature
channel
• Ambient temperature measured through Remote 2 tempera-
ture channel
• If not using VID5, this pin can be reconfigured as the 12 V
monitoring input
• Bidirectional THERM pin. Allows Intel P4 PROCHOT
Monitoring and can function as an overtemperature
THERM output.
• SMBALERT system interrupt output
See ADT7463 Configuration App Note for more information
and register settings for all possible configurations.


Similar Part No. - ADT7463ARQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7463ARQ ONSEMI-ADT7463ARQ Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL ONSEMI-ADT7463ARQ-REEL Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL7 ONSEMI-ADT7463ARQ-REEL7 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQZ ONSEMI-ADT7463ARQZ Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQZ-R7 ONSEMI-ADT7463ARQZ-R7 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
More results

Similar Description - ADT7463ARQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7463 ONSEMI-ADT7463 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
logo
Analog Devices
ADT7460 AD-ADT7460 Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com