Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1119 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1119
Description  0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1119 Datasheet(HTML) 3 Page - Anachip Corp

  AP1119 Datasheet HTML 1Page - Anachip Corp AP1119 Datasheet HTML 2Page - Anachip Corp AP1119 Datasheet HTML 3Page - Anachip Corp AP1119 Datasheet HTML 4Page - Anachip Corp AP1119 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP1119
0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 20 ,2004
3/5
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
AP1119-1.5
IOUT = 10mA, TJ = 25
oC,
3V≦VIN≦12V
1.470
1.500
1.530
V
AP1119-1.8
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦12V
1.764
1.800
1.836
V
AP1119-2.5
IOUT = 10mA, TJ = 25
oC,
4V≦VIN≦12V
2.450
2.500
2.550
V
AP1119-3.3
IOUT = 10mA, TJ = 25
oC,
4.8V≦VIN≦12V
3.235
3.300
3.365
V
AP1119-5.0
IOUT = 10mA, TJ = 25
oC,
6.5V≦VIN≦12V
4.900
5.000
5.100
V
AP1119-9.0
IOUT = 10mA, TJ = 25
oC,
10.5V≦VIN≦18V
8.820
9.000
9.180
V
Output Voltage
AP1119-12.0
IOUT = 10mA, TJ = 25
oC,
13.5V≦VIN≦18V
11.760
12.000
12.240
V
Line Regulation
AP1119-XXX
IO=10mA,VOUT+1.5V<VIN<15V,
TJ=25
oC
0.2
%
AP1119-1.5
VIN=3V, 0mA<Io<0.5A,
TJ=25
oC (Note 1,2)
12
15
mV
AP1119-1.8
VIN=3.3V, 0mA<Io<0.5A,
TJ=25
oC (Note 1,2)
15
18
mV
AP1119-2.5
VIN=4V, 0mA<Io<0.5A,
TJ=25
oC (Note 1,2)
20
25
mV
AP1119-3.3
VIN = 5V, 0≦IOUT≦0.5A,
TJ=25
oC (Note 1,2)
26
33
mV
AP1119-5.0
VIN = 8V, 0≦IOUT≦0.5A,
TJ=25
oC (Note 1,2)
40
50
mV
AP1119-9.0
VIN =12V, 0≦IOUT≦0.5A,
TJ=25
oC (Note 1,2)
70
90
mV
Load Regulation
AP1119-12.0
VIN =15V, 0≦IOUT≦0.5A,
TJ=25
oC (Note 1,2)
100
120
mV
Dropout Voltage (V
IN-VOUT)
AP1119 series
IOUT = 0.5A , ∆VOUT=0.1VOUT
1.1
1.3
V
Current Limit
AP1119 series
(VIN-VOUT) = 5V
0.6
A
Minimum Load Current
AP1119-XXX
0
oC≦Tj≦125oC
5
10
mA
Logic Low (ON)
0.8
VEN
Enable Input Voltage
Logic High (OFF)
2.0
V
VEN = 0.8V
10
IEN
Enable Input Current
VEN = 2.0V
30
µA
Thermal Regulation
TA=25℃, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=0.5A
Ripple Rejection
AP1119-XXX
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ
SOT89-5L Thermal Resistance Junction-to-Ambient(No
heat sink ;No air flow)
300
OC/W
JC
θ
SOT89-5L
: Control Circuitry/Power Transistor
Thermal Resistance Junction-to-Case
100
OC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =
1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is determined by the
input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
Note3: Quiescent current is defined as the minimum output current required maintain regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - AP1119

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1119

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
SeCoS Halbleitertechnol...
S5M1119 SECOS-S5M1119 Datasheet
518Kb / 3P
   0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com