Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1603WA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1603WA
Description  Step-Up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1603WA Datasheet(HTML) 1 Page - Anachip Corp

  AP1603WA Datasheet HTML 1Page - Anachip Corp AP1603WA Datasheet HTML 2Page - Anachip Corp AP1603WA Datasheet HTML 3Page - Anachip Corp AP1603WA Datasheet HTML 4Page - Anachip Corp AP1603WA Datasheet HTML 5Page - Anachip Corp AP1603WA Datasheet HTML 6Page - Anachip Corp AP1603WA Datasheet HTML 7Page - Anachip Corp AP1603WA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1603
Step-Up DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Jun. 3, 2004
1/8
Features
-A Guaranteed Start-Up from less than 0.9 V.
-High Efficiency.
-Low Quiescent Current.
-Less Number of External Components needed.
-Low Ripple and Low Noise.
-Space Saving Pb-Free Packages: SOT23-6
Applications
-Pagers.
-Cameras.
-Wireless Microphones.
-Pocket Organizers.
-Battery Backup Suppliers.
-Portable Instruments.
General Description
The AP1603 is a high efficiency step-up DC/DC
converter for applications using 1 to 2 NiMH battery
cells. Only three external components are required
to deliver a fixed output voltage of 3.3V. The
AP1603 starts up from less than 0.9V input with
1mA load. Pulse Frequency Modulation scheme
brings optimized performance for applications with
light output loading and low input voltages. The
output ripple and noise are lower compared with the
circuits operating in PSM mode.
The PFM control circuit operating in 150KHz (max.)
switching
rate
results
in
smaller
passive
components. The space saving SOT23-6 packages
make the AP1603 an ideal choice of DC/DC
converter for space conscious applications, like
pagers,
electronic
cameras,
and
wireless
microphones.
Pin Assignments
1
2
3
74
6
LX
GND
OUT
REF
SOT23-6L
AP1603
5
SHDN
FB
Pin Descriptions
Name
Description
REF
1.2V Reference Voltage. Bypass with a 0.1µF
capacitor.
OUT
Power Output. OUT provides bootstrap power
to the IC.
LX
N-Channel and P-Channel Power MOSFET
Drain
GND Ground
SHDN
Shutdown Input. Drive high (>80% of VOUT) for
operating mode. Drive low (<20% of VOUT) for
shutdown mode. Connect to OUT for normal
operation.
FB
Feedback
Ordering Information
Package
AP1603
X
X
Packing
Blank : Tube
A
: Taping
W: SOT23-6L


Similar Part No. - AP1603WA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1603W DIODES-AP1603W Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
AP1603WG DIODES-AP1603WG Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
AP1603WG DIODES-AP1603WG Datasheet
188Kb / 10P
   STEP-UP DC/DC CONVERTER
DS31131 Rev. 3 - 2
AP1603WG-7 DIODES-AP1603WG-7 Datasheet
299Kb / 8P
   STEP-UP DC-DC CONVERTER
AP1603WG-7 DIODES-AP1603WG-7 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results

Similar Description - AP1603WA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Kingbor Technology Co
KB2301 KINGBOR-KB2301 Datasheet
137Kb / 10P
   Step-Up DC-DC Converter
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com