Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1119Y33LA Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1119Y33LA
Description  0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1119Y33LA Datasheet(HTML) 5 Page - Anachip Corp

  AP1119Y33LA Datasheet HTML 1Page - Anachip Corp AP1119Y33LA Datasheet HTML 2Page - Anachip Corp AP1119Y33LA Datasheet HTML 3Page - Anachip Corp AP1119Y33LA Datasheet HTML 4Page - Anachip Corp AP1119Y33LA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AP1119
0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 20 ,2004
5/5
Marking Information
SOT89-5L
Date Code
Month: A~L
Year: 0~9
Identification Cod
( See the table )
1
3
2
4
5
XX
XX X
Blank: normal
L: Lead Free Package
Identification code
Output version
JF
AP1119-1.5V
JG
AP1119-1.8V
JH
AP1119-2.5V
JI
AP1119-3.3V
JJ
AP1119-5.0V
JK
AP1119-9.0V
JL
AP1119-12V
Package Information
D
C
A
I
H
G
L
1.5
0.55
Land Pattern Recommendation (Unit: mm)
1.7
0.4
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.40
4.50
4.60
0.173
0.177
0.181
B
4.05
4.15
4.25
0.159
0.163
0.167
C
1.50
1.60
1.70
0.059
0.063
0.067
D
1.30
1.40
1.50
0.051
0.055
0.059
E
2.40
2.50
2.60
0.094
0.098
0.102
F
0.80
-
-
0.031
-
-
G
3.00 Ref.
0.118 Ref.
H
1.50 Ref.
0.059 Ref.
I
0.40
0.46
0.52
0.016
0.018
0.020
J
1.40
1.50
1.60
0.055
0.059
0.063
K
0.35
0.39
0.43
0.014
0.015
0.017
L
5
o Typ.
5
o Typ.


Similar Part No. - AP1119Y33LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1119Y33LA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
SeCoS Halbleitertechnol...
S5M1119 SECOS-S5M1119 Datasheet
518Kb / 3P
   0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com