Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3844A1P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B3844A1P
Description  Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B3844A1P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B3844A1P Datasheet HTML 1Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 2Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 3Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 4Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 5Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 6Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 7Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 8Page - List of Unclassifed Manufacturers B3844A1P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IO
±1
A
Analog Input (pin 2,3)
V(ANA)
-0.3 to 6.3
V
Error Amp Output Sink Current
ISINK (E.A)
10
mA
Power Dissipation
PD
1
W
Storage Temperature Range
T
-65 to 150
°C
Lead Temperature (Soldering 10 Sec.)
TL
260
°C
Electrical Characteristics
(VCC = 15V;RT = 10Ω, CT = 3.3nF, TA=0 °C to +70°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Reference Voltage
VREF
TJ = 25 °C. IREF= 1mA
4.90
5.00
5.10
V
Line Regulation
REG (line)
12V
≤VCC≤25V
-
6
20
Load Regulation
REG
(LOAD)
1mA
≤IREF≤20mA
T= 25
°C
-
6
25
mA
Short Circuit Output
Current
ISC
T= 25
°C
-
-100
-180
mA
OSCILLATOR SECTION
Oscillator Frequency
f
T= 25
°C
47
52
57
KHz
Frequency Change with
Voltage
∆f/∆VCC
12V
≤VCC≤25V
-
0.05
1
%
Oscillator Amplitude
VOSC
-
1.6
-
VP-P
ERROR AMPLIFIER SECTION
Input Bias Current
IBIAS
-
-0.1
-2
µA
Input Voltage
VI(E>A)
V1 =2.5V
2.42
2.50
2.58
V
Open Loop Voltage Gain
GVO
2V
≤VO≤4V
65
90
-
dB
Power Supply Rejection
Ratio
PSRR
12V
≤VCC≤25V
60
70
-
dB
Output Sink Current
ISINK
V2 =2.7V, V1 =1.1V
2
7
-
mA
Output Source Current
ISOURCE
V2=2.3, V1=5V
-0.6
-1.0
-
mA
High Output Voltage
VOH
V2=2.3, RL= 15Ω to GND
5
6
-
V
Low Output Voltage
VOL
V2=2.7, RL= 15Ω to pin 8
-
0.8
1.1
V
OUTPUT SECTION
ISINK = 20mA
Low Output Voltage
VOL
ISINK = 200mA
-
0.08
1.4
0.4
2.2
V
Source = 20mA
High Output Voltage
VOH
Source = 200mA
13
12
13.5
13.0
-
-
V
Rise Time
tR
TJ = 25 °C, CL=1nF (note3)
-
45
150
ns
Fall Time
tF
TJ = 25 °C, CL=1nF (note3)
-
35
150
ns
Note: Output Switch tests are performed under pulsed conditions to minimize power dissipation


Similar Part No. - B3844A1P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3844 ETC1-B3844 Datasheet
61Kb / 5P
   LOW-LOSS FILTER
More results

Similar Description - B3844A1P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com