Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9832-55A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK9832-55A
Description  TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9832-55A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9832-55A Datasheet HTML 1Page - NXP Semiconductors BUK9832-55A Datasheet HTML 2Page - NXP Semiconductors BUK9832-55A Datasheet HTML 3Page - NXP Semiconductors BUK9832-55A Datasheet HTML 4Page - NXP Semiconductors BUK9832-55A Datasheet HTML 5Page - NXP Semiconductors BUK9832-55A Datasheet HTML 6Page - NXP Semiconductors BUK9832-55A Datasheet HTML 7Page - NXP Semiconductors BUK9832-55A Datasheet HTML 8Page - NXP Semiconductors BUK9832-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
BUK9832-55A
TrenchMOS™ logic level FET
Product specification
Rev. 01 — 31 January 2001
3 of 13
9397 750 07734
© Philips Electronics N.V. 2001. All rights reserved.
VGS ≥ 4.5 V
Fig 1.
Normalized total power dissipation as a
function of solder point temperature.
Fig 2.
Normalized continuous drain current as a
function of solder point temperature.
Tamb =25 °C; IDM is single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa17
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
P
der
Tsp (
o
C)
(%)
03aa25
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
I
der
T
sp
(
o
C)
(%)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03nc44
10-2
10-1
1
10
102
103
10-1
1
10
102
VDS (V)
ID
(A)
D.C.
100 ms
10 ms
RDSon = VDS/ ID
1 ms
tp = 10 us
100 us
tp
tp
T
P
t
T
δ =


Similar Part No. - BUK9832-55A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
BUK9832-55A VBSEMI-BUK9832-55A Datasheet
1,010Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Nexperia B.V. All right...
BUK9832-55A NEXPERIA-BUK9832-55A Datasheet
972Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 1 June 2010
logo
NXP Semiconductors
BUK9832-55A PHILIPS-BUK9832-55A_15 Datasheet
371Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-1 June 2010
More results

Similar Description - BUK9832-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com