Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8017ECG55 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS616LV8017ECG55
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8017ECG55 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS616LV8017ECG55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8017ECG55 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision 2.1
Jan.
2004
2
R0201-BS616LV8017
Name
Function
A0-A18 Address Input
These 19 address inputs select one of the 524,288 x 16-bit words in the RAM.
CE Chip Enable Input
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
D0 - D15 Data Input/Output Ports
These 16 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Vss
Ground
TRUTH TABLE
PIN DESCRIPTIONS
BSI
BS616LV8017
CIN
Input
Capacitance
VIN=0V
10
pF
CDQ
Input/Output
Capacitance
VI/O=0V
12
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0
O C to +70O C
2.4V ~ 5.5V
Industrial
-40
O C to +85O C
2.4V ~ 5.5V
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
1. This parameter is guaranteed and not 100% tested.
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal
Voltage
with
Respect to GND
-0.5 to
Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +85
O C
TSTG
Storage Temperature
-60 to +150
O C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CE is active LOW. Chip enables must be active when data read from or write to the
device. if chip enable is not active, the device is deselected and is in a standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
MODE
CE
WE
OE
LB
UB
D0~D7
D8~D15
Vcc CURRENT
H
X
X
X
X
High Z
High Z
ICCSB , ICCSB1
Not selected
(Power Down)
X
X
X
H
H
High Z
High Z
ICCSB , ICCSB1
Output Disabled
L
H
H
X
X
High Z
High Z
ICC
L
L
Dout
Dout
ICC
H
L
High Z
Dout
ICC
Read
L
H
L
L
H
Dout
High Z
ICC
LL
Din
Din
ICC
HL
X
Din
ICC
Write
L
L
X
LH
Din
X
ICC
L
XX
H
H
High Z
High Z
ICC


Similar Part No. - BS616LV8017ECG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017ECG55 BSI-BS616LV8017ECG55 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017ECG55 BSI-BS616LV8017ECG55 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8017ECG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8015 BSI-BS616LV8015 Datasheet
204Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com